Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 130Page - STMicroelectronics ST90135 Datasheet HTML 131Page - STMicroelectronics ST90135 Datasheet HTML 132Page - STMicroelectronics ST90135 Datasheet HTML 133Page - STMicroelectronics ST90135 Datasheet HTML 134Page - STMicroelectronics ST90135 Datasheet HTML 135Page - STMicroelectronics ST90135 Datasheet HTML 136Page - STMicroelectronics ST90135 Datasheet HTML 137Page - STMicroelectronics ST90135 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 190 page
background image
134/190
ST90158 - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
9.4.5 Working With Other Protocols
The SPI peripheral offers the following facilities for
operation with S-bus/I
2C-bus and IM-bus proto-
cols:
s
Interrupt request on start/stop detection
s
Hardware clock synchronisation
s
Arbitration lost flag with an automatic set of data
line
Note that the I/O bit associated with the SPI should
be returned to a defined state as a normal I/O pin
before changing the SPI protocol.
The following paragraphs provide information on
how to manage these protocols.
9.4.6 I2C-bus Interface
The I2C-bus is a two-wire bidirectional data-bus,
the two lines being SDA (Serial DAta) and SCL
(Serial CLock). Both are open drain lines, to allow
arbitration. As shown in Figure 68, data is toggled
with clock low. An I C bus start condition is the
transition on SDI from 1 to 0 with the SCK held
high. In a stop condition, the SCK is also high and
the transition on SDI is from 0 to 1. During both of
these conditions, if SPEN = 0 and BMS = 1 then
an interrupt request is performed.
Each transmission consists of nine clock pulses
(SCL line). The first 8 pulses transmit the byte
(MSB first), the ninth pulse is used by the receiver
to acknowledge.
Figure 67. S-Bus / I2C-bus Peripheral
Compatibility without S-Bus Chip Select
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com