Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 172Page - STMicroelectronics ST90135 Datasheet HTML 173Page - STMicroelectronics ST90135 Datasheet HTML 174Page - STMicroelectronics ST90135 Datasheet HTML 175Page - STMicroelectronics ST90135 Datasheet HTML 176Page - STMicroelectronics ST90135 Datasheet HTML 177Page - STMicroelectronics ST90135 Datasheet HTML 178Page - STMicroelectronics ST90135 Datasheet HTML 179Page - STMicroelectronics ST90135 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 190 page
background image
176/190
ST90158 - ELECTRICAL CHARACTERISTICS
AC TEST CONDITIONS
AC ELECTRICAL CHARACTERISTICS
(VDD =5V ± 10%, TA = -40°C+ 85°C, INTCLK = 16 MHz unless otherwise specified)
1
Note 1: All I/O Ports are configured in bidirectional weak pull-up mode with no DC load, external clock pin (OSCIN) is driven by square wave
external clock.
Note 2: TA =25°C. At TA 85 °C the max. value is 25 µA.
(VDD =3V ± 10%, TA =0°C+ 70°C, , INTCLK = 14 MHz unless otherwise specified)
Note 1: VDD =3V±5%
Symbol
Parameter
INTCLK
ROM devices
OTP devices
Unit
Typ.
Max.
Typ.
Max.
IDDRUN
Run Mode Current, PLL on
16 MHz
32
34
50
55
mA
IDDWFI
WFI Mode Current, PLL on
16 MHz
11
12
16
18
mA
IDDLPWFI
Low Power WFI Mode Current
4 MHz/32
1.0
1.2
1.3
1.6
mA
IHALT
HALT Mode Current2
310
3
10
µA
Symbol
Parameter
INTCLK
ROM devices
OTP LV devices (1)
Unit
Typ.
Max.
Typ.
Max.
IDDRUN
Run Mode Current, PLL on
14 MHz
13
14.5
21
23.5
mA
IDDWFI
WFI Mode Current, PLL on
14 MHz
5
6.5
7
8.5
mA
IDDLPWFI
Low Power WFI Mode Current
4 MHz/32
0.3
0.4
0.4
0.5
mA
IHALT
HALT Mode Current
2
5
2
5
µA
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com