Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 175Page - STMicroelectronics ST90135 Datasheet HTML 176Page - STMicroelectronics ST90135 Datasheet HTML 177Page - STMicroelectronics ST90135 Datasheet HTML 178Page - STMicroelectronics ST90135 Datasheet HTML 179Page - STMicroelectronics ST90135 Datasheet HTML 180Page - STMicroelectronics ST90135 Datasheet HTML 181Page - STMicroelectronics ST90135 Datasheet HTML 182Page - STMicroelectronics ST90135 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 190 page
background image
179/190
ST90158 - ELECTRICAL CHARACTERISTICS
EXTERNAL INTERRUPT TIMING TABLE
(VDD =5V ± 10%, TA =-40°C +85°C, Cload = 50pF, INTCLK = 12MHz, Push-pull output configuration, un-
less otherwise specified)
Note: The value left hand two columns show the formula used to calculate the timing minimum or maximum from the oscillator clock period,
prescale value and number of wait cycles inserted.
The value right hand two columns show the timing minimum and maximum for an external clock at 24 MHz divided by 2, prescale value of
zero and zero wait status.
EXTERNAL INTERRUPT TIMING
N
° Symbol
Parameter
Value (Note)
Unit
OSCIN Divided
by2Min.
OSCIN Not Divided
by 2 Min.
Min.
Max.
1TwLR
Low Level Minimum Pulse Width in
Rising Edge Mode
2TpC+12
TpC+12
95
ns
2TwHR
High Level Minimum Pulse Width in
Rising Edge Mode
2TpC+12
TpC+12
95
ns
3TwHF
High Level Minimum Pulse Width in
Falling Edge Mode
2TpC+12
TpC+12
95
ns
4TwLF
Low Level Minimum Pulse Width in
Falling Edge Mode
2TpC+12
TpC+12
95
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com