Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 179Page - STMicroelectronics ST90135 Datasheet HTML 180Page - STMicroelectronics ST90135 Datasheet HTML 181Page - STMicroelectronics ST90135 Datasheet HTML 182Page - STMicroelectronics ST90135 Datasheet HTML 183Page - STMicroelectronics ST90135 Datasheet HTML 184Page - STMicroelectronics ST90135 Datasheet HTML 185Page - STMicroelectronics ST90135 Datasheet HTML 186Page - STMicroelectronics ST90135 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 190 page
background image
183/190
ST90158 - ELECTRICAL CHARACTERISTICS
A/D INTERNAL TRIGGER TIMING TABLE
A/D INTERNAL TRIGGER TIMING
N
°
Symbol
Parameter
OSCIN
Divided by 2 (2)
OSCIN
Not Divided by 2 (2)
Value (3)
Unit
Min.
Max.
Min.
Max.
Min.
Max.
1TwHIGH
Internal trigger
pulse width
Tpc
.5 x Tpc
41.5
-
ns
2TwLOW
Internal trigger
pulse distance
6 x Tpc
3 x Tpc
250
-
ns
3TwEXT
Internal trigger
active edges
distance (1)
276n x
Tpc
138n x
Tpc
n x 11.5
-
µs
4TwSTR
Internal delay
between INTRG
rising edge and first
conversion start
Tpc
3 x Tpc
.5 x Tpc
1.5 x Tpc
41.5
125
ns
ST (start conversion bit)
44
1
2
3
INTRG
VR0A1401
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com