Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90E158 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST90E158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90E158 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST90E158 Datasheet HTML 11Page - STMicroelectronics ST90E158 Datasheet HTML 12Page - STMicroelectronics ST90E158 Datasheet HTML 13Page - STMicroelectronics ST90E158 Datasheet HTML 14Page - STMicroelectronics ST90E158 Datasheet HTML 15Page - STMicroelectronics ST90E158 Datasheet HTML 16Page - STMicroelectronics ST90E158 Datasheet HTML 17Page - STMicroelectronics ST90E158 Datasheet HTML 18Page - STMicroelectronics ST90E158 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 190 page
background image
15/190
ST90158 - GENERAL DESCRIPTION
P1.3
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
63 65 A11
I/O Address bit 11
P1.4
64 66 A12
I/O Address bit 12
P1.5
65 67 A13
I/O Address bit 13
P1.6
66 68 A14
I/O Address bit 14
P1.7
67 69 A15
I/O Address bit 15
P2.0
16 18
I/O
P2.1
17 19
I/O
P2.2
18 20
I/O
P2.3
19 21
I/O
P2.4
20 22
I/O
P2.5
21 23
I/O
P2.6
22 24
I/O
P4.0
8
10
I/O
P4.1
9
11
I/O
P4.2
10 12 INTCLK
O
Internal main Clock
P4.3
11 13 STOUT
O
Standard Timer Output
P4.4
12 14
INT0
I
External Interrupt 0
WDOUT
O
Watchdog Timer output
P4.5
13 15 INT4
I
External interrupt 4
P4.6
14 16
INT5
I
External Interrupt 5
T0OUTB
O
MF Timer 0 Output B 1)
P4.7
15 17 T0OUTA
O
MF Timer 0 Output A 1)
P5.1
55 57 SDI
I
SPI Serial Data In
P5.3
53 55
I/O
P5.4
52 54
T1OUTA
O
MF Timer 1 output A
DCD0
I
SCI0 Data Carrier Detect
P5.5
51 53
RTS0
O
SCI0 Request to Send
T1OUTB
O
MF Timer 1 output B
P5.6
50 52
T3OUTA
O
MF Timer 3 output A
DCD1
I
SCI1 Data Carrier Detect 1)
P5.7
49 51
RTS1
O
SCI1 Request to Send 1)
T3OUTB
O
MF Timer 3 output B
CK_AF
I
External Clock Input
P6.0
68 70
I/O
Port
Name
General
Purpose I/O
Pin
No.
Alternate Functions
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com