Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90E158 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST90E158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90E158 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST90E158 Datasheet HTML 43Page - STMicroelectronics ST90E158 Datasheet HTML 44Page - STMicroelectronics ST90E158 Datasheet HTML 45Page - STMicroelectronics ST90E158 Datasheet HTML 46Page - STMicroelectronics ST90E158 Datasheet HTML 47Page - STMicroelectronics ST90E158 Datasheet HTML 48Page - STMicroelectronics ST90E158 Datasheet HTML 49Page - STMicroelectronics ST90E158 Datasheet HTML 50Page - STMicroelectronics ST90E158 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 190 page
background image
47/190
ST90158 - REGISTER AND MEMORY MAP
(*) Not present on ST90135.
Note: xx denotes a byte with an undefined value, however some of the bits may have defined values. Refer to register
description for details.
55
RCCU
R240
CLKCTL
Clock Control Register
00
R242
CLK_FLAG
Clock Flag Register
48, 28 or 08
R246
PLLCONF
PLL Configuration Register
xx
63
AD0
R240
D0R0
Channel 0 Data Register
xx
R241
D1R0
Channel 1 Data Register
xx
R242
D2R0
Channel 2 Data Register
xx
R243
D3R0
Channel 3 Data Register
xx
R244
D4R0
Channel 4 Data Register
xx
R245
D5R0
Channel 5 Data Register
xx
R246
D6R0
Channel 6 Data Register
xx
R247
D7R0
Channel 7 Data Register
xx
R248
LT6R0
Channel 6 Lower Threshold Reg.
xx
R249
LT7R0
Channel 7 Lower Threshold Reg.
xx
R250
UT6R0
Channel 6 Upper Threshold Reg.
xx
R251
UT7R0
Channel 7 Upper Threshold Reg.
xx
R252
CRR0
Compare Result Register
0F
R253
CLR0
Control Logic Register
00
R254
ICR0
Interrupt Control Register
0F
R255
IVR0
Interrupt Vector Register
x2
Page
(Decimal)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com