Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90E158 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST90E158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90E158 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST90E158 Datasheet HTML 42Page - STMicroelectronics ST90E158 Datasheet HTML 43Page - STMicroelectronics ST90E158 Datasheet HTML 44Page - STMicroelectronics ST90E158 Datasheet HTML 45Page - STMicroelectronics ST90E158 Datasheet HTML 46Page - STMicroelectronics ST90E158 Datasheet HTML 47Page - STMicroelectronics ST90E158 Datasheet HTML 48Page - STMicroelectronics ST90E158 Datasheet HTML 49Page - STMicroelectronics ST90E158 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 190 page
background image
46/190
ST90158 - REGISTER AND MEMORY MAP
24
SCI0
R240
RDCPR0
Receiver DMA Transaction Counter Pointer
xx
R241
RDAPR0
Receiver DMA Source Address Pointer
xx
R242
TDCPR0
Transmitter DMA Transaction Counter Pointer
xx
R243
TDAPR0
Transmitter DMA Destination Address Pointer
xx
R244
IVR0
Interrupt Vector Register
xx
R245
ACR0
Address/Data Compare Register
xx
R246
IMR0
Interrupt Mask Register
x0
R247
ISR0
Interrupt Status Register
xx
R248
RXBR0
Receive Buffer Register
xx
R248
TXBR0
Transmitter Buffer Register
xx
R249
IDPR0
Interrupt/DMA Priority Register
xx
R250
CHCR0
Character Configuration Register
xx
R251
CCR0
Clock Configuration Register
00
R252
BRGHR0
Baud Rate Generator High Reg.
xx
R253
BRGLR0
Baud Rate Generator Low Register
xx
R254
SICR0
Synchronous Input Control
03
R255
SOCR0
Synchronous Output Control
01
25
SCI1
(*)
R240
RDCPR1
Receiver DMA Transaction Counter Pointer
xx
R241
RDAPR1
Receiver DMA Source Address Pointer
xx
R242
TDCPR1
Transmitter DMA Transaction Counter Pointer
xx
R243
TDAPR1
Transmitter DMA Destination Address Pointer
xx
R244
IVR1
Interrupt Vector Register
xx
R245
ACR1
Address/Data Compare Register
xx
R246
IMR1
Interrupt Mask Register
x0
R247
ISR1
Interrupt Status Register
xx
R248
RXBR1
Receive Buffer Register
xx
R248
TXBR1
Transmitter Buffer Register
xx
R249
IDPR1
Interrupt/DMA Priority Register
xx
R250
CHCR1
Character Configuration Register
xx
R251
CCR1
Clock Configuration Register
00
R252
BRGHR1
Baud Rate Generator High Reg.
xx
R253
BRGLR1
Baud Rate Generator Low Register
xx
R254
SICR1
Synchronous Input Control
03
R255
SOCR1
Synchronous Output Control
01
43
I/O
Port
8
R248
P8C0
Port 8 Configuration Register 0
00/03
R249
P8C1
Port 8 Configuration Register 1
00/00
R250
P8C2
Port 8 Configuration Register 2
00/00
R251
P8DR
Port 8 Data Register
FF
I/O
Port
9
R252
P9C0
Port 9 Configuration Register 0
00/00
R253
P9C1
Port 9 Configuration Register 1
00/00
R254
P9C2
Port 9 Configuration Register 2
00/00
R255
P9DR
Port 9 Data Register
FF
Page
(Decimal)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com