Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 144Page - STMicroelectronics ST90R158 Datasheet HTML 145Page - STMicroelectronics ST90R158 Datasheet HTML 146Page - STMicroelectronics ST90R158 Datasheet HTML 147Page - STMicroelectronics ST90R158 Datasheet HTML 148Page - STMicroelectronics ST90R158 Datasheet HTML 149Page - STMicroelectronics ST90R158 Datasheet HTML 150Page - STMicroelectronics ST90R158 Datasheet HTML 151Page - STMicroelectronics ST90R158 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 190 page
background image
148/190
ST90158 - SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
Figure 80. Auto Echo Configuration
Figure 81. Loop Back Configuration
Figure 82. Auto Echo and Loop-Back Configuration
All modes except Synchronous
Synchronous mode (SMEN=1)
RECEIVER
SIN
SOUT
VR000210
TRANSMITTE R
RECEIVER
SIN
SOUT
VR00210A
TRANS MITTER
DCD
RTS
RXCLK
CLKOUT
All modes except Synchronous
Synchronous mode (SMEN=1)
RECEIVER
SIN
SOUT
VR000211
TRANSMITT ER
LOGICAL 1
RECEIVER
SIN
SOUT
VR00211A
TRANSMIT TER
DCD
RTS
RXCLK
CLKOUT
stand-by
value
stand-by
value
stand-by
value
clock
data
All modes except Synchronous
Synchronous mode (SMEN=1)
RECEIVE R
SIN
SOUT
VR000212
TRANSMI TTER
RECEIVER
SIN
SOUT
VR00212A
TRANSMIT TER
DCD
RTS
RXCLK
CLKOUT
clock
data
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com