Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 148Page - STMicroelectronics ST90R158 Datasheet HTML 149Page - STMicroelectronics ST90R158 Datasheet HTML 150Page - STMicroelectronics ST90R158 Datasheet HTML 151Page - STMicroelectronics ST90R158 Datasheet HTML 152Page - STMicroelectronics ST90R158 Datasheet HTML 153Page - STMicroelectronics ST90R158 Datasheet HTML 154Page - STMicroelectronics ST90R158 Datasheet HTML 155Page - STMicroelectronics ST90R158 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 190 page
background image
152/190
ST90158 - SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
9.5.9 Interrupts and DMA
9.5.9.1 Interrupts
The SCI can generate interrupts as a result of sev-
eral conditions. Receiver interrupts include data
pending, receive errors (overrun, framing and par-
ity), as well as address or break pending. Trans-
mitter interrupts are software selectable for either
Transmit Buffer Register Empty (BSN set) or for
Transmit Shift Register Empty (BSN reset) condi-
tions.
Typical usage of the Interrupts generated by the
SCI peripheral are illustrated in Figure 85.
The SCI peripheral is able to generate interrupt re-
quests as a result of a number of events, several
of which share the same interrupt vector. It is
therefore necessary to poll S_ISR, the Interrupt
Status Register, in order to determine the active
trigger. These bits should be reset by the program-
mer during the Interrupt Service routine.
The four major levels of interrupt are encoded in
hardware to provide two bits of the interrupt vector
register, allowing the position of the block of point-
er vectors to be resolved to an 8 byte block size.
The SCI interrupts have an internal priority struc-
ture in order to resolve simultaneous events. Refer
also to Section 9.5.3 SCI Operating Modes for
more details relating to Synchronous mode.
Table 30. SCI Interrupt Internal Priority
Receive DMA Request
Highest Priority
Transmit DMA Request
Receive Interrupt
Transmit Interrupt
Lowest Priority
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com