Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 149Page - STMicroelectronics ST90R158 Datasheet HTML 150Page - STMicroelectronics ST90R158 Datasheet HTML 151Page - STMicroelectronics ST90R158 Datasheet HTML 152Page - STMicroelectronics ST90R158 Datasheet HTML 153Page - STMicroelectronics ST90R158 Datasheet HTML 154Page - STMicroelectronics ST90R158 Datasheet HTML 155Page - STMicroelectronics ST90R158 Datasheet HTML 156Page - STMicroelectronics ST90R158 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 190 page
background image
153/190
ST90158 - SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
Table 31. SCI Interrupt Vectors
Figure 85. SCI Interrupts: Example of Typical Usage
Interrupt Source
Vector Address
Transmitter Buffer or Shift Register Empty
Transmit DMA end of Block
xxx x110
Received Data Pending
Receive DMA end of Block
xxxx x100
Break Detector
Address Word Match
xxxx x010
Receiver Error
xxxx x000
INTERRUPT
BREAK
MATCH
ADDRESS
DATA
ADDRESS AFTER BREAK CONDITION
ADDRESS WORD MARKED BY D9=1
ADDRESS
INTERRUPT
INTERRUPT
D9=1
D9 ACTING AS DATA CONTROL WITH SEPARATE INTERRUPT
CHARACTER SEARCH MODE
INTERRUPT
VA00270
BREAK
BREAK
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
DATA
INTERRUPT
INTERRUPT
INTERRUPT
DATA
ADDRESS
DATA
DATA
DATA
DATA
NO MATCH
ADDRESS
BREAK
DATA
NO MATCH
ADDRESS
MATCH
DATA
DATA
DATA
MATCH
DATA
CHAR MATCH
DATA
DATA
DATA
DATA
ADDRESS
DATA
DATA
D9=1
DATA
DATA
DATA
DATA
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com