Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 182Page - STMicroelectronics ST90R158 Datasheet HTML 183Page - STMicroelectronics ST90R158 Datasheet HTML 184Page - STMicroelectronics ST90R158 Datasheet HTML 185Page - STMicroelectronics ST90R158 Datasheet HTML 186Page - STMicroelectronics ST90R158 Datasheet HTML 187Page - STMicroelectronics ST90R158 Datasheet HTML 188Page - STMicroelectronics ST90R158 Datasheet HTML 189Page - STMicroelectronics ST90R158 Datasheet HTML 190Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 186 / 190 page
background image
186/190
ST90158 - ELECTRICAL CHARACTERISTICS
MULTIFUNCTION TIMER UNIT EXTERNAL TIMING TABLE
Notes:
1. n = 1 if the input is rising OR falling edge sensitive
n = 3 if the input is rising AND falling edge sensitive
2. In Autodiscrimination mode
3. Variable clock ( Tpc = OSCIN period )
4. INTCLK = 12 MHz
MULTIFUNCTION TIMER UNIT EXTERNAL TIMING
N
° Symbol
Parameter
OSCIN
Divided by 2
(3)
OSCIN
Not Divided by 2
(3)
Value (4)
Unit
Note
Min.
Max.
1TwCTW
External clock/trigger pulse width
2n x Tpc
n x Tpc
n x 83
-
ns
1
2TwCTD
External clock/trigger pulse distance
2n x Tpc
n x Tpc
n x 83
-
ns
1
3TwAED
Distance between two active edges
6 x Tpc
3 x Tpc
249
-
ns
4TwGW
Gate pulse width
12 x Tpc
6 x Tpc
498
-
ns
5TwLBA
Distance between TINB pulse edge
and the following TINA pulse edge
2x Tpc
Tpc
83
-
ns
2
6TwLAB
Distance between TINA pulse edge
and the following TINB pulse edge
00
-
ns
2
7TwAD
Distance between two TxINA pulses
0
0
-
ns
2
8TwOWD
Minimum output pulse width/distance
6 x Tpc
3 x Tpc
249
-
ns
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com