Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 182Page - STMicroelectronics ST90R158 Datasheet HTML 183Page - STMicroelectronics ST90R158 Datasheet HTML 184Page - STMicroelectronics ST90R158 Datasheet HTML 185Page - STMicroelectronics ST90R158 Datasheet HTML 186Page - STMicroelectronics ST90R158 Datasheet HTML 187Page - STMicroelectronics ST90R158 Datasheet HTML 188Page - STMicroelectronics ST90R158 Datasheet HTML 189Page - STMicroelectronics ST90R158 Datasheet HTML 190Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 189 / 190 page
background image
189/190
ST90158 - GENERAL INFORMATION
80-PIN CERAMIC QUAD FLAT PACKAGE
11.3 ORDERING INFORMATION
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.24
0.128
A1
0.20
0.008
B
0.30 0.35 0.45 0.012 0.014 0.018
C
0.13 0.15 0.23 0.005 0.006 0.009
D
23.35 23.90 24.45 0.919 0.941 0.963
D1
19.57 20.00 20.43 0.770 0.787 0.804
D3
18.40
0.724
E
17.35 17.90 18.45 0.683 0.705 0.726
E1
13.61 14.00 14.39 0.536 0.551 0.567
E3
12.00
0.472
e
0.80
0.031
G
13.75 14.00 14.25 0.541 0.551 0.561
G1
19.75 20.00 20.25 0.778 0.787 0.797
G2
1.06
0.042
L
0.35 0.80
0.014 0.031
Number of Pins
N80
CQFP080
Part Number
Program
Memory
(Bytes)
RAM
(Bytes)
Temp.
Range
Operating Supply
Package
ST90135M4Q6
16K ROM
512
-40
°C +85°C
5V @ 16MHz
3V @ 14 MHz
PQFP80
ST90135M5Q6
24K ROM
768
ST90135M6Q6
32K ROM
1K
ST90158M7Q6
48K ROM
1.5K
ST90158M9Q6
64K ROM
2K
ST90158M9T1
0
°C +70°C
3V @ 14 MHz
TQFP 80
ST90E158M9G0
64K EPROM
2K
+ 25
°C
5V @ 16MHz
CQFP80-W
ST90E158M9LVG0
3V @ 14 MHz
CQFP80-W
ST90T158M9Q6
64K OTP
2K
-40
°C +85°C
5V @ 16MHz
PQFP80
ST90T158M9LVQ1
0
°C +70°C
3V @ 14 MHz
PQFP80
ST90T158M9LVT1
TQFP 80
ST90R158Q6
ROMless
2K
-40
°C +85°C
5V @ 16MHz
PQFP80
ST90R158T1
ROMless
2K
0
°C +70°C
3V @ 14MHz
TQFP 80
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com