Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 1 Page - STMicroelectronics

  ST92F120 Datasheet HTML 1Page - STMicroelectronics ST92F120 Datasheet HTML 2Page - STMicroelectronics ST92F120 Datasheet HTML 3Page - STMicroelectronics ST92F120 Datasheet HTML 4Page - STMicroelectronics ST92F120 Datasheet HTML 5Page - STMicroelectronics ST92F120 Datasheet HTML 6Page - STMicroelectronics ST92F120 Datasheet HTML 7Page - STMicroelectronics ST92F120 Datasheet HTML 8Page - STMicroelectronics ST92F120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 320 page
background image
January 2000
1/320
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Rev. 2.1
ST92F120
8/16-BIT FLASH MCU FAMILY
WITH RAM, EEPROM AND J1850 BLPD
PRELIMINARY DATA
s
Register oriented 8/16 bit CORE with RUN,
WFI, SLOW, HALT and STOP modes
s
0 - 24 MHz Operation (internal Clock), 4.5 - 5.5
Volt voltage range
s
PLL Clock Generator (3-5 MHz crystal)
s
-40oC to 105oC or -40oCto 85oC temperature
range
s
Minimum instruction time: 83 ns (24 MHz
internal clock)
s
Internal Memory: Single Voltage FLASH up to
128 Kbytes, RAM 1.5 to 4 Kbytes, EEPROM
512 to 1K bytes
s
224 general purpose registers (register file)
available as RAM, accumulators or index
pointers
s
TQFP64 or PQFP100 package
s
DMA controller for reduced processor overhead
s
48 (77 on PQFP100 version) I/O pins
s
4 external fast interrupts + 1 NMI
s
Up to 16 pins programmable as wake-up or
additional external interrupt with multi-level
interrupt handler
s
16-bit Timer with 8 bit Prescaler, able to be
used as a Watchdog Timer with a large range of
service
time
(HW/SW
enabling
through
dedicated pin)
s
16-bit Standard Timer that can be used to
generate a time base independent of PLL Clock
Generator
s
Two 16-bit independent Extended Function
Timers (EFTs) with Prescaler, 2 Input Captures
and two Output Compares (PQFP100 only)
s
Two 16-bit Multifunction Timers, with Prescaler,
2 Input Captures and two Output Compares
s
8-bit Analog to Digital Converter allowing up to 8
input channels on TQFP64 or 16 input channels
on PQFP100
s
One or two Serial Communications Interfaces
with
asynchronous
and
synchronous
capabilities.
Software
Management
and
synchronous mode supported
s
Serial Peripheral Interface (SPI) with Selectable
Master/Slave mode
s
J1850 Byte Level Protocol Decoder (JBLPD)
(on some versions only)
s
Full
I2C
multiple
Master/Slave
Interface
supporting ACCESS BUS
s
Rich Instruction Set with 14 Addressing Modes
s
Division-by-zero trap generation
s
Versatile
Development
Tools,
including
Assembler,
Linker,
C-Compiler,
Archiver,
Source Level Debugger, Hardware Emulators
and Real Time Operating System
DEVICE SUMMARY
Device
Pack-
age
Flash RAM E
ST92F120R6T
-
TQF P
64
-48
1
36K
1.5K 512
ST92F120JR6T 1
ST92F120V6Q
-
PQFP
100
277
ST92F120JV6Q 1
ST92F120R9T
-
TQF P
64
-48 1
60K
2K
512
ST92F120JR9T 1
ST92F120V9Q
-
PQFP
100
277 2
ST92F120JV9Q 1
ST92F120R1T
-
TQF P
64
-48 1
128K
4K
1K
ST92F120JR1T 1
ST92F120V1Q
-
PQFP
100
277 2
ST92F120JV1Q 1
PQFP100
TQFP64
9


Similar Part No. - ST92F120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
ST92F120JR1Q6 STMICROELECTRONICS-ST92F120JR1Q6 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
ST92F120JR1Q7 STMICROELECTRONICS-ST92F120JR1Q7 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
ST92F120JR9Q6 STMICROELECTRONICS-ST92F120JR9Q6 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
ST92F120JR9Q7 STMICROELECTRONICS-ST92F120JR9Q7 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
More results

Similar Description - ST92F120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
12-Jul-2006
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
8/16 kB ISP Flash MCU Family
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com