Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 9Page - STMicroelectronics ST92F120 Datasheet HTML 10Page - STMicroelectronics ST92F120 Datasheet HTML 11Page - STMicroelectronics ST92F120 Datasheet HTML 12Page - STMicroelectronics ST92F120 Datasheet HTML 13Page - STMicroelectronics ST92F120 Datasheet HTML 14Page - STMicroelectronics ST92F120 Datasheet HTML 15Page - STMicroelectronics ST92F120 Datasheet HTML 16Page - STMicroelectronics ST92F120 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 320 page
background image
13/320
ST92F120 - GENERAL DESCRIPTION
1.2.4.3 Internal Circuitry: Digital I/O pin
In Figure 4 a schematic representation of an ST9
pin able to operate either as an input or as an out-
put is shown. The circuitry implements a standard
input buffer and a push-pull configuration for the
output buffer. It is evident that although it is possi-
ble to disable the output buffer when the input sec-
tion is used, the MOS transistors of the buffer itself
can still affect the behaviour of the pin when ex-
posed to illegal conditions. In fact, the P-channel
transistor of the output buffer implements a direct
diode to VDD (P-diffusion of the drain connected to
the pin and N-well connected to VDD), while the N-
channel of the output buffer implements a diode to
VSS (P-substrate connected to VSS and N-diffu-
sion of the drain connected to the pin). In parallel
to these diodes, dedicated circuitry is implemented
to protect the logic from ESD events (MOS, diodes
and input series resistor).
The most important characteristic of these extra
devices is that they must not disturb normal oper-
ating modes, while acting during exposure to over
limit conditions, avoiding permanent damage to
the logic circuitry.
All I/O pins can generally be programmed to work
also as open-drain outputs, by simply writing in the
corresponding register of the I/O Port. The gate of
the P-channel of the output buffer is disabled: it is
important to highlight that physically the P-channel
transistor is still present, so the diode to VDD
works. In some applications it can occur that the
voltage applied to the pin is higher than the VDD
value (supposing the external line is kept high,
while the ST9 power supply is turned off): this con-
dition will inject current through the diode, risking
permanent damages to the device.
In any case, programming I/O pins as open-drain
can help when several pins in the system are tied
to the same point: of course software must pay at-
tention to program only one of them as output at
any time, to avoid output driver contentions; it is
advisable to configure these pins as output open-
drain in order to reduce the risk of current conten-
tions.
Figure 5. Digital Input/Output - True Open Drain Output
PIN
OUTPUT
BUFFER
N
P
N
N
INPUT
BUFFER
ESDPROTECTION
CIRCUITRY
PORT CIRCUITRY
I/OCIRCUITRY
P
EN
EN
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com