Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 14Page - STMicroelectronics ST92F120 Datasheet HTML 15Page - STMicroelectronics ST92F120 Datasheet HTML 16Page - STMicroelectronics ST92F120 Datasheet HTML 17Page - STMicroelectronics ST92F120 Datasheet HTML 18Page - STMicroelectronics ST92F120 Datasheet HTML 19Page - STMicroelectronics ST92F120 Datasheet HTML 20Page - STMicroelectronics ST92F120 Datasheet HTML 21Page - STMicroelectronics ST92F120 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 320 page
background image
18/320
ST92F120 - GENERAL DESCRIPTION
Table 1. ST92F120 Power Supply Pins
Table 2. ST92F120 Primary Function Pins
Figure 10. Recommended connections for VREG
Note : For future compatibility with shrinked versions, the VREG pins should be connected to a minimum
of 600 nF (total). Special care should be taken to minimize the distance between the ST9 microcontroller
and the capacitors.
Name
Function
VDD
Main Power Supply Voltage
( pins internally connected)
-18
27
42
-65
60
93
VSS
Digital Circuit Ground
(pins internally connected)
-17
26
41
-64
59
92
AVDD
Analog Circuit Supply Voltage
49
82
AVSS
Analog Circuit Ground
50
83
VPP
Must be kept low in standard
operating mode
29
44
VREG
3V regulator output
28
31
43
Name
Fun ction
AS
Address Strobe
34
56
DS
Data Strobe
33
55
RW
Read/Write
17
32
OSCIN
Oscillator Input
61
94
OSCOUT
Oscillator Output
62
95
RESET
Reset to initialize the Micro-
controller
63
96
HW0SW1
Watchdog HW/SW enabling
selection
64
97
VPWO
J1850 JBLPD Output. On
devices without JBPLD pe-
ripheral, this pin must not be
connected.
48
73
300 nF
300 nF
QFP100
QFP 64
600 nF
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com