Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 286 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 286 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 282Page - STMicroelectronics ST92F120 Datasheet HTML 283Page - STMicroelectronics ST92F120 Datasheet HTML 284Page - STMicroelectronics ST92F120 Datasheet HTML 285Page - STMicroelectronics ST92F120 Datasheet HTML 286Page - STMicroelectronics ST92F120 Datasheet HTML 287Page - STMicroelectronics ST92F120 Datasheet HTML 288Page - STMicroelectronics ST92F120 Datasheet HTML 289Page - STMicroelectronics ST92F120 Datasheet HTML 290Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 320 page
background image
286/320
EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D)
ANALOG TO DIGITAL CONVERTER (Cont’d)
Analog channels 6 and 7 monitor an acceptable
voltage level window for the converted analog in-
puts. The external voltages applied to inputs 6 and
7 are considered normal while they remain below
their respective Upper thresholds, and above or at
their respective Lower thresholds.
When the external signal voltage level is greater
than, or equal to, the upper programmed voltage
limit, or when it is less than the lower programmed
voltage limit, a maskable interrupt request is gen-
erated and the Compare Results Register is up-
dated in order to flag the threshold (Upper or Low-
er) and channel (6 or 7) responsible for the inter-
rupt. The four threshold voltages are user pro-
grammable in dedicated registers (08h to 0Bh) of
the A/D register page. Only the 4 MSBs of the
Compare Results Register are used as flags (the 4
LSBs always return “1” if read), each of the four
MSBs being associated with a threshold condition.
Following a hardware reset, these flags are reset.
During normal A/D operation, the CRR bits are set,
in order to flag an out of range condition and are
automatically reset by hardware after a software
reset of the Analog Watchdog Request flag in the
AD_ICR Register.
10.9.2.4 Power Down Mode
Before enabling an A/D conversion, the POW bit of
the Control Logic Register must be set; this must
be done at least 60
µs before the first conversion
start, in order to correctly bias the analog section
of the converter circuitry.
When the A/D is not required, the POW bit may be
reset in order to reduce the total power consump-
tion. This is the reset configuration, and this state
is also selected automatically when the ST9 is
placed in Halt Mode (following the execution of the
halt
instruction).
Figure 122. A/D Trigger Source
n
Analog Voltage
Upper threshold
Lower threshold
Normal Area
(Window Guarded)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com