Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C56 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST93C56
Description  2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C56 Datasheet(HTML) 5 Page - STMicroelectronics

  ST93C56 Datasheet HTML 1Page - STMicroelectronics ST93C56 Datasheet HTML 2Page - STMicroelectronics ST93C56 Datasheet HTML 3Page - STMicroelectronics ST93C56 Datasheet HTML 4Page - STMicroelectronics ST93C56 Datasheet HTML 5Page - STMicroelectronics ST93C56 Datasheet HTML 6Page - STMicroelectronics ST93C56 Datasheet HTML 7Page - STMicroelectronics ST93C56 Datasheet HTML 8Page - STMicroelectronics ST93C56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 5. Synchronous Timing, Read or Write
AI00820C
C
D
Q
ADDRESS INPUT
Hi-Z
tDVCH
tCLSL
A0
S
DATA OUTPUT
tCHQV
tCHDX
tCHQL
An
tSLSH
tSLQZ
Q15/Q7
Q0
AI01429
C
D
Q
ADDRESS/DATA INPUT
Hi-Z
tDVCH
tSLCH
A0/D0
S
WRITE CYCLE
tSLSH
tCHDX
An
tCLSL
tSLQZ
BUSY
tSHQV
tW
READY
MEMORY ORGANIZATION
The ST93C56 is organized as 256 bytes x 8 bits or
128 words x 16 bits. If the ORG input is left uncon-
nected (or connected to VCC) the x16 organization
is selected, when ORG is connected to Ground
(VSS) the x8 organization is selected. When the
ST93C56 is in standby mode, the ORG input
should be unconnected or set to either VSS or VCC
in order to achieve the minimum power consump-
tion. Any voltage between VSS and VCC applied to
ORG may increase the standby current value.
POWER-ON DATA PROTECTION
In order to prevent data corruption and inadvertent
write operations during power up, a Power On
Reset (POR) circuit resets all internal programming
circuitry and sets the device in the Write Disable
mode. When VCC reaches its functional value, the
device is properly reset (in the Write Disable mode)
and is ready to decode and execute an incoming
instruction. A stable VCC must be applied, before
applying any logic signal.
5/13
ST93C56/56C, ST93C57C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com