Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C56 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST93C56
Description  2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C56 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST93C56 Datasheet HTML 2Page - STMicroelectronics ST93C56 Datasheet HTML 3Page - STMicroelectronics ST93C56 Datasheet HTML 4Page - STMicroelectronics ST93C56 Datasheet HTML 5Page - STMicroelectronics ST93C56 Datasheet HTML 6Page - STMicroelectronics ST93C56 Datasheet HTML 7Page - STMicroelectronics ST93C56 Datasheet HTML 8Page - STMicroelectronics ST93C56 Datasheet HTML 9Page - STMicroelectronics ST93C56 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Instruction
Description
Op-Code
x8 Org
Address
(ORG = 0)
(1, 2)
Data
x16 Org
Address
(ORG = 1)
(1, 3)
Data
READ
Read Data from Memory
10
A8-A0
Q7-Q0
A7-A0
Q15-Q0
WRITE
Write Data to Memory
01
A8-A0
D7-D0
A7-A0
D15-D0
EWEN
Erase/Write Enable
00
11XXX XXXX
11XX XXXX
EWDS
Erase/Write Disable
00
00XXX XXXX
00XX XXXX
ERASE
Erase Byte or Word
11
A8-A0
A7-A0
ERAL
Erase All Memory
00
10XXX XXXX
10XX XXXX
WRAL
Write All Memory
with same Data
00
01XXX XXXX
D7-D0
01XX XXXX
D15-D0
Notes: 1. X = don’t care bit.
2. Address bit A8 is not decoded by the ST93C56, ST93C56C.
3. Address bit A7 is not decoded by the ST93C56, ST93C56C.
Table 6. Instruction Set
INSTRUCTIONS
The ST93C56 has seven instructions, as shown in
Table 6. The op-codes of the instructions are made
up of 2 bits. The op-code is followed by an address
for the byte/word which is eight bits long for the x16
organization or nine bits long for the x8 organiza-
tion. Each instruction is preceded by the rising edge
of the signal applied on the Chip Select (S) input
(assuming that the clock C is low). The data input
D is then sampled upon the following rising edges
of the clock C untill a ’1’ is sampled and decoded
by the ST93C56 as a Start bit.
The ST93C56 is fabricated in CMOS technology
and is therefore able to run from zero Hz (static
input signals) up to the maximum ratings (specified
in Table 5).
Read
The Read instruction (READ) outputs serial data
on the Data Output (Q). When a READ instruction
is received, the instruction and address are de-
coded and the data from the memory is transferred
into an output shift register. A dummy ’0’ bit is output
first, followed by the 8 bit byte or the 16 bit word
with the MSB first. Output data changes are trig-
gered by the Low to High transition of the Clock (C).
The ST93C56 will automatically increment the ad-
dress and will clock out the next byte/word as long
as the Chip Select input (S) is held High. In this
case the dummy ’0’ bit is NOT output between
bytes/words and a continuous stream of data can
be read.
Erase/Write Enable and Disable
The Erase/Write Enable instruction (EWEN)
authorizes the following Erase/Write instructions to
be executed, the Erase/Write Disable instruction
(EWDS) disables the execution of the following
Erase/Write instructions. When power is first ap-
plied, the ST93C56 enters the Disable mode.
When the EWEN instruction is executed, Write
instructions remain enabled until an Erase/Write
Disable instruction (EWDS) is executed or VCC falls
below the power-on reset threshold. To protect the
memory contents from accidental corruption, it is
advisable to issue the EWDS instruction after every
write cycle.
The READ instruction is not affected by the EWEN
or EWDS instructions.
Erase
The Erase instruction (ERASE) programs the ad-
dressed memory byte or word bits to ’1’. Once the
address is correctly decoded, the fallingedge of the
Chip Select input (S) triggers a self-timed erase
cycle.
If the ST93C56 is still performing the erase cycle,
the Busy signal (Q = 0) will be returned if S is driven
high, and the ST93C56 will ignore any data on the
bus. When the erase cycle is completed, the Ready
signal (Q = 1) will indicate (if S is driven high) that
the ST93C56 is ready to receive a new instruction.
Write
The Write instruction (WRITE) is followed by the
address and the 8 or 16 data bits to be written. Data
input is sampled on the Low to High transition of
the clock. After the last data bit has been sampled,
Chip Select (S) must be brought Low before the
next rising edge of the clock (C) in order to start
the self-timed programming cycle. If the ST93C56
is still performing the write cycle, the Busy signal
6/13
ST93C56/56C, ST93C57C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com