Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C56 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST93C56
Description  2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C56 Datasheet(HTML) 1 Page - STMicroelectronics

  ST93C56 Datasheet HTML 1Page - STMicroelectronics ST93C56 Datasheet HTML 2Page - STMicroelectronics ST93C56 Datasheet HTML 3Page - STMicroelectronics ST93C56 Datasheet HTML 4Page - STMicroelectronics ST93C56 Datasheet HTML 5Page - STMicroelectronics ST93C56 Datasheet HTML 6Page - STMicroelectronics ST93C56 Datasheet HTML 7Page - STMicroelectronics ST93C56 Datasheet HTML 8Page - STMicroelectronics ST93C56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ST93C56, 56C
ST93C57C
2K (128 x 16 or 256 x 8) SERIAL MICROWIRE EEPROM
NOT FOR NEW DESIGN
June 1997
1/13
This is information on a product still in production bu t not recommended for new de signs.
AI00881C
D
VCC
ST93C56
ST93C57
VSS
C
Q
S
ORG
Figure 1. Logic Diagram
1 MILLION ERASE/WRITE CYCLES, with
40 YEARS DATA RETENTION
DUAL ORGANIZATION: 128 x 16 or 256 x 8
BYTE/WORD and ENTIRE MEMORY
PROGRAMMING INSTRUCTIONS
SELF-TIMED PROGRAMMING CYCLE with
AUTO-ERASE
READY/BUSY SIGNAL DURING
PROGRAMMING
SINGLE SUPPLY VOLTAGE:
– 4.5V to 5.5V for ST93C56 version
– 3V to 5.5V for ST93C57 version
SEQUENTIAL READ OPERATION
5ms TYPICAL PROGRAMMING TIME
ST93C56, ST93C56C, ST93C57C are
replaced by the M93C56
DESCRIPTION
This specification covers a range of 2K bit serial
EEPROM products, the ST93C56, 56C specified
at 5V
± 10% and the ST93C57C specified at 3V to
5.5V. In the text, products are referred to as
ST93C56.
The ST93C56 is a 2K bit Electrically Erasable
Programmable Memory (EEPROM) fabricated with
SGS-THOMSON’s High EnduranceSingle Polysili-
con CMOS technology. The memory is accessed
through a serial input (D) and output (Q). The 2K
bit memory is divided into either 256 x 8 bit bytes
or 128 x 16 bit words. The organization may be
selected by a signal applied on the ORG input.
S
Chip Select Input
D
Serial Data Input
Q
Serial Data Output
C
Serial Clock
ORG
Organisation Select
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.4mm Frame


Similar Part No. - ST93C56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B1013TR STMICROELECTRONICS-ST93C06B1013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B3013TR STMICROELECTRONICS-ST93C06B3013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B6013TR STMICROELECTRONICS-ST93C06B6013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06C STMICROELECTRONICS-ST93C06C Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
More results

Similar Description - ST93C56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
Jul-1997
ST93CS56 STMICROELECTRONICS-ST93CS56 Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com