Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA120 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA120
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA120 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA120 Datasheet HTML 7Page - STMicroelectronics STA120 Datasheet HTML 8Page - STMicroelectronics STA120 Datasheet HTML 9Page - STMicroelectronics STA120 Datasheet HTML 10Page - STMicroelectronics STA120 Datasheet HTML 11Page - STMicroelectronics STA120 Datasheet HTML 12Page - STMicroelectronics STA120 Datasheet HTML 13Page - STMicroelectronics STA120 Datasheet HTML 14Page - STMicroelectronics STA120 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
STA120
12/15
APPENDIX A: RS422 RECEIVER INFORMATION
The RS422 receivers on the STA120 is designed to receive both the professional and consumer interfac-
es, and meet all specifications listed in the digital audio standards. Figure 6 illustrates the internal sche-
matic of the receiver portion of both chips. The receiver has a differential input. A Schmitt trigger is
incorporated to add hysteresis which prevents noisy signals from corrupting the phase detector.
Figure 6. RS422 Receiver Internal Circuit
Professional Interface
The digital audio specifications for professional use call for a balanced receiver, using XLR connectors,
with 110
Ω ±20% impedance. (The XLR connector on the receiver should have female pins with a male
shell.) Since the receiver has a very high impedance, a 110
Ω resistor should be placed across the receiv-
er terminals to match the line impedance, as shown in figure 7, and, since the part has internal biasing,
no external biasing network is needed. If some isolation is desired without the use of transformers, a
0.01
µF capacitor should be placed on the input of esch pin (RXP and RXN) as shown in Figure 8. How-
ever, if transformers are not used, high frequency energy could be coupled between transmitter and re-
ceiver causing degradation in analog performance.
Although transformers are not required by AES they are strongly recommended. The EBU requires trans-
formers. Figure 7 and 8 show an optional DC blocking capacitor on the transmission line. A 0.1 to 0.47
µF
ceramic capacitor may be used to block any DC voltage that is accidentally connected to the digital audio
receiver. The use of this capacitor is an issue of robustness s the digital audio transmission line does not
have a DC voltage component.
Figure 7. Professional Input Circuit
Figure 8. Transformerless Professional Circuit
K-ix
1K
1K
ix
D98AU983
RXP
RXN
110
Ω
RXP
RXN
(*)See Text
110
Ω
TWISTED
PAIR
D98AU984A
XLR
1
110
Ω
RXP
RXN
(*)See Text
110
Ω
TWISTED
PAIR
D98AU985A
XLR
1
0.01
µF
0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com