Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA120
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA120 Datasheet(HTML) 4 Page - STMicroelectronics

  STA120 Datasheet HTML 1Page - STMicroelectronics STA120 Datasheet HTML 2Page - STMicroelectronics STA120 Datasheet HTML 3Page - STMicroelectronics STA120 Datasheet HTML 4Page - STMicroelectronics STA120 Datasheet HTML 5Page - STMicroelectronics STA120 Datasheet HTML 6Page - STMicroelectronics STA120 Datasheet HTML 7Page - STMicroelectronics STA120 Datasheet HTML 8Page - STMicroelectronics STA120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STA120
4/15
DIGITAL CHARACTERISTICS (Tamb = 25°C; VD+, VA+ = 3.3V ±10%)
Note 1: FS is defined as the incoming audio sample frequency per channel.
SWITCHING CHARACTERISTICS - SERIAL PORTS (Tamb = 25°C; VD+, VA+ = 3.3V ±10%)
Note 2: The output word rate, OWR, refers to the frequency at which an audio sample is output from the part. (A stereo pair is two audio
samples). Therefore, in Master mode, there are always 32 SCK periods in one audio sample. In Slave mode 32 SCK periods must
be provided in most serial port formats.
16
SEL
Select.Control pin that selects either channel status information (SEL = 1) or error and frequency
information (SEL = 0) to be displayed on six (C0, Ca Cb, Cc, Cd, Ce) pins.
27
Ce
Channel Status Output Bits.These pin are dual Function with the "C" bits selected when SEL is
high. Channel status information is displayed for the channel selected by CS12. C0, which is
channel status bit 0, defines professional (C0 = 0) or consumer (C0 = 1) mode and further
controls the definition of the Ca-Ce pins. These pins are updated with the rising edge of CBL.
F2
Frequency reporting Bits.Encoded sample frequency information that is enabled by bringing SEL
low. A proper clock on FCK must be input for at least two thirds of a channel status block for
these pins to be valid. They are updated three times per block, starting at the block boundary.
28
VERF
Validity + Error Flag. A logical OR'ing of the validity bit from the received data and the error flag.
May be used by interpolation filters to interpolate through errors.
Receiver Interface
9
RXP
Line Receiver. (RS422 compatible)
10
RXN
Line Receiver. (RS422 compatible)
Phase Locked Loop
19
MCK
Master Clock.Low Jitter clock output of 256 times the received sample frequency.
20
FILT
Filter.An external 330 Ohm resistor and 0.47
µF capacitor in parallel with a 15nF capacitor is
required from FILT pin to analog ground.
25
ERF
Error Flag,Signals that an error has occurred while receiving the audio sample currently being
read from the serial port. Three errors cause ERF to go high: a parity or biphase coding violation
during the current sample, or an out of lock PLL receiver.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VD+,VA+
Power supply voltage Range
3.0
3.3
3.6
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
+0.8
V
VOH
High-Level Output Voltage
IO = 200µA
VDD-1.0
V
VOL
Low-Level Output Voltage
IO = 3.2mA
0.4
V
Iin
Input Leakage Current
1.0
10
µA
FS
Input Sample Frequency
(Note 1)
25
96
kHz
MCK
Master Clock frequency
(Note 1)
6.4
256xFS
25
MHz
tj
MCK Clock Jitter
300
ps RMS
MCK Duty Cycle
(high time/cycle time)
50
%
Idd_ST
Static Idd (MCK = 0)
0.1
1
mA
Idd_DYN
Dynamic Idd
6
15
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fsck
SCK Frequency
(Note 2)
OWRx32
Hz
PINS DESCRIPTION (continued)
N.
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com