Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA120 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA120
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA120 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA120 Datasheet HTML 7Page - STMicroelectronics STA120 Datasheet HTML 8Page - STMicroelectronics STA120 Datasheet HTML 9Page - STMicroelectronics STA120 Datasheet HTML 10Page - STMicroelectronics STA120 Datasheet HTML 11Page - STMicroelectronics STA120 Datasheet HTML 12Page - STMicroelectronics STA120 Datasheet HTML 13Page - STMicroelectronics STA120 Datasheet HTML 14Page - STMicroelectronics STA120 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
STA120
Grounding the shield of the cables a tricky issue. In the configuration of systems, it is important to avoid
ground loops and DC current flowing down the shield of the cable that could results when boxes with dif-
ferent ground potentials are connected.
Generally, it is good practice to ground the shield to the chassis of the transmitting unit, and connect the
shield through a capacitor to chassis ground at the receiver. However, in some cases it is advantageous
to have the ground of two boxes help to the same potential, and the cable shield might be depended upon
to make that electrical connection.
Generally, it may be a good idea to provide the option of grounding or capacitively coupling to ground with
a "ground-lift" circuit.
Consumer Interface
In the case of the consumer interface, the standards call for an unbalanced circuit having a receiver im-
pedance of 75
Ω ±5%. The connector for the consumer interface is an RCA phono plug (fixed socket de-
scribed in Table IV of IEC268-11). The receiver circuit for the consumer interface is shown in Figure 9.
Figure 9. Consumer Input Circuit
TTL/CMOS Levels
The circuit shown in Figure 10 may be used when external RS422 receivers or TTL/CMOS logic drive the
STA120 receiver section.
Figure 10. TTL/CMOS Interface
75
Ω
RXP
RXN
75
Ω
coax
D02AU1387
RCA Phono
100nF
100nF
STA120
RXP
RXN
100nF
100nF
D98AU986C
STA120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com