Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA575 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA575
Description  100100W STEREO BASH POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA575 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA575 Datasheet HTML 4Page - STMicroelectronics STA575 Datasheet HTML 5Page - STMicroelectronics STA575 Datasheet HTML 6Page - STMicroelectronics STA575 Datasheet HTML 7Page - STMicroelectronics STA575 Datasheet HTML 8Page - STMicroelectronics STA575 Datasheet HTML 9Page - STMicroelectronics STA575 Datasheet HTML 10Page - STMicroelectronics STA575 Datasheet HTML 11Page - STMicroelectronics STA575 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
STA575
8/20
Gain without compression (G)
= 5
Max Attenuation ratio
= 26 dB
The following graph gives the representation of the Compressor activation status related to the Vthreshold and
the input voltage. The delimitation line between the two fields, compression or not, is expressed by the formula :
Where G is the preamplifier gain without compression.
In the compression region the gain of the preamplifier will be reduced
(G = 2·Vthreshold/Vin) to maintain at steady state the output voltage equal 2*|Vthreshold| .
Instead in the other region the compressor will be off (G = 5).
The delimitation line between the two fields can be related to the output voltage of the preamplifier: in this case
the formula is :
Figure 1. Compressor activation field
The relative attenuation introduced by the variable gain cell is the following :
The total gain of the stage will be:
Gdb = 20log5 + Attenuation
The maximum input swing is related to the value of input resistor, to guarantee that the input current remain
under Iin_Max value (1 mA).
2
Vth resho ld
200 mV
+
()
G
--------------------------------------------------------------------------
V
out
2
Vthre sho ld
200m V
+
()
=
1
2
4
6
8
2345
G = 5
|Vthreshold|
VIN PEAK
COMPRESSION
G < 5
D01AU1264
Atten uati on
20
2
5
---
log
V
th
200 m V
+
()
V
in_peak
------------------------------------------
=
R
i
V
in_peak
I
in_max
----------------------
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com