Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA575 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA575
Description  100100W STEREO BASH POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA575 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA575 Datasheet HTML 12Page - STMicroelectronics STA575 Datasheet HTML 13Page - STMicroelectronics STA575 Datasheet HTML 14Page - STMicroelectronics STA575 Datasheet HTML 15Page - STMicroelectronics STA575 Datasheet HTML 16Page - STMicroelectronics STA575 Datasheet HTML 17Page - STMicroelectronics STA575 Datasheet HTML 18Page - STMicroelectronics STA575 Datasheet HTML 19Page - STMicroelectronics STA575 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
STA575
16/20
Figure 8. PCBs AND COMPONENTS LAYOUT
SAM261 Specification
Parameter
Rating
Notes
Output Power
100Watts @10% - 6
Ω
see graphs
THD + N
< 0.05% @ 40 Watts
< 0.05% @ 75 Watts
Measured @ 1KHZ
SNR
-104 dB (relative to full power)
-113 dB (A-weighted)
Sensitivity
1 .3VRMS
Amplifier
Crosstalk
-76dB (relative to10W)
1KHz 8 Ohms,
Main Power Supply Inputs
60Volts @ 4 Amps
Maximum Voltage is 60V
Minimum Voltage is 50V
Aux Power Supply Inputs
+ 24 Volts @ 100mA
-24 Volts @ 100mA
Vs supply
Input Board
1 .3VRMS
Suplied to facilitate testing
4 Pin Harness
Power Supply Connections
9 Pin Harness
Audio Connections
Channel 1 and 2
50 VDC
Input
+/-24 VDC
Input
Mute
Channel 3 and 4
Channel 5
Channel 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com