Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA575 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA575
Description  100100W STEREO BASH POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA575 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA575 Datasheet HTML 10Page - STMicroelectronics STA575 Datasheet HTML 11Page - STMicroelectronics STA575 Datasheet HTML 12Page - STMicroelectronics STA575 Datasheet HTML 13Page - STMicroelectronics STA575 Datasheet HTML 14Page - STMicroelectronics STA575 Datasheet HTML 15Page - STMicroelectronics STA575 Datasheet HTML 16Page - STMicroelectronics STA575 Datasheet HTML 17Page - STMicroelectronics STA575 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
STA575
14/20
Figure 7. BASH® module SAM351 5.1 with 2 x STA575 (see application note AN1656)
Power - On-Off sequences:
In order to avoid damages to the SAM261 board it is important to follow these sequences:
At Power-On apply in the first the Auxiliary Power Supply (±24V) and after the Main Power Supply
(+50V), in this condition the system is in "Mute state" and it can move in "play state" with the switch present
on the pcb.
At Power-Off is better to bring the SAM module in "Mute state" and after that to follow this order: switch-
off the Main Supply Voltage (+50V) and subsequently the Auxiliary Power Supply. (±24V).
System Description & Operating Rules
SAM351 is a BASH® 5.1 amplifier ( 6 x 100W) implementation utilizing the STA575 Integrated Circuit.
Specifically designed for multi-channel implementation in DVD - HTIB systems, Multi-Media systems, AV Re-
ceivers.
SAM351 is dimensioned to provide the maximum Output Power (THD=10 %) on two channels and instanta-
neously and 1/3 max Pout on the remaining Outputs, or 1/8 of max Pout continuous; this rule is important to
define the main Power Supply size (+50V).
Buck Regulator Description
The function of the buck regulator is to convert efficiently an input voltage to a lower voltage by adjusting the
ratio of the switching transistor's on-time to off-time. The resulting waveform is averaged by the output filter to
recover an analog signal.
In the BASH amplifier this output is in effect split in half by centering it on the audio ground to provide CD+ and
CD- rails.
To avoid the need for a high side driver for the transistor switch in the buck regulator the buck circuit recom-
mended has the switch in the return path. Hence the gate drive circuit (part of the STPB01) is referenced to the
negative return of the main supply that provides power for the buck regulator.
STA575
2 x100Watts
STA575
2 x 100Watts
Buck
Regulator
+50VDC
6 Ohm Loads
Audio
Inputs
STABP01
Controller
Dynamic Power Supply
(CD+ & CD
-)
Signal Power Supply
+/-24V DC / 50
mA
+/-24V DC / 50
mA
Signal Power Supply
Lines
of
Controls
STA575
STA575
2 x 100Watts
2 x 100Watts
Audio
Input
STA575
2 x100Watts
STA575
2 x 100Watts
Buck
Regulator
+50VDC
6 Ohm Loads
Audio
Inputs
STABP01
Controller
Dynamic Power Supply
(CD+ & CD
-)
Signal Power Supply
+/-24V DC / 50
mA
+/-24V DC / 50
mA
Signal Power Supply
Lines
of
Controls
STA575
STA575
2 x 100Watts
2 x 100Watts
Audio
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com