Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STABP01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STABP01
Description  BASH DIGITAL PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STABP01 Datasheet(HTML) 2 Page - STMicroelectronics

  STABP01 Datasheet HTML 1Page - STMicroelectronics STABP01 Datasheet HTML 2Page - STMicroelectronics STABP01 Datasheet HTML 3Page - STMicroelectronics STABP01 Datasheet HTML 4Page - STMicroelectronics STABP01 Datasheet HTML 5Page - STMicroelectronics STABP01 Datasheet HTML 6Page - STMicroelectronics STABP01 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STABP01
2/7
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
PIN CONNECTION
TYPICAL APPLICATION CIRCUIT
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
10.5
V
Io
Output Current
±0.6
A
Eo
Output Energy(capacitive load)
5
µJ
Vi
Analog Input Voltage
-0.3 to 8
V
Io
Error Amplifier Output Sink Current
10
mA
Ptot
Power Dissipation at Tamb
500
mW
Tstg
Storage Ambient Temperature
-65 to 150
°C
TL
Lead Temperature (soldering 10s)
300
°C
Top
Operating Temperature Range
-25 to 85
°C
Symbol
Parameter
SO20
DIP20
Unit
Rth j-amb
Thermal Resistance junction-ambient soldered on PCB
95
90
°C/W
BUFFER OUT
VFB
V+
COMP
CURRENT SENSE
POWER SUPPLY2
DEAD TIME
MAIN OUTPUT
GROUND2
1
3
2
4
5
6
7
8
9
GROUND1
SOFT SW OUT
POWER SUPPLY1
ONE SHOT
ONE SHOT DELAY
DUTY ACCEL
RECTIFIER
FAST ATTACK
BUFFER IN
20
19
18
17
16
14
15
13
12
D00AU1217B
CLOCK(RT/CT)
10
SOFT SW RESET
11
STABP01
PROCESSOR
BUCK
CONVERTER
STA575
POWER AMP
POWER
SUPPLY
REFERENCE SIGNAL
AUDIO INPUT
AC
PROTECTION
SIGNAL
D00AU1218



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com