Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STABP01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STABP01
Description  BASH DIGITAL PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STABP01 Datasheet(HTML) 3 Page - STMicroelectronics

  STABP01 Datasheet HTML 1Page - STMicroelectronics STABP01 Datasheet HTML 2Page - STMicroelectronics STABP01 Datasheet HTML 3Page - STMicroelectronics STABP01 Datasheet HTML 4Page - STMicroelectronics STABP01 Datasheet HTML 5Page - STMicroelectronics STABP01 Datasheet HTML 6Page - STMicroelectronics STABP01 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
STABP01
ELECTRICAL CHARACTERISTCS (Vs = 10V; Rt = 22k
Ω; Ct = 2.2nF; t = 25°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OSCILLATOR SECTION
fs
Initial Accuracy (*)
Tj=25C, SW Out Off
225
250
300
kHz
Ts
Temperature Stability
Tmin<Tamb<Tmax
5
%
Amplitude
Vpin10 Peak to Peak
0.5
V
ERROR AMP SECTION
Ib
Input Bias Current
1
µA
AVOL
Open loop Gain
65
90
dB
B
Unity Gain Bandwidth
0.7
1
MHz
SVR
Supply Voltage Rejection
6<Vs<10V
60
70
dB
ICMR
Input Common Mode Range
0
8
V
CMRR
Common Mode Rejection Ratio
90
dB
OR
Output Voltage Range
I = 1mA
0.5
8.5
V
CURRENT SENSE SECTION
Gv
Gain
V4/V5, V5 <1V,
Duty Cycle = 80%
2.7
3
3.3
V/V
V5
Maximum Input Signal
V4 = 5V
0.9
1
1.1
V
Ib
Input Bias Current
V5 <0.9V,
1
µA
Odt
Delay to Output (minimum output
pulse)
150
300
ns
OUTPUT SECTION
VOL
Output Low Level
Isink=20mA
Isink=200mA
0.1
1.5
0.4
2.2
V
V
VOH
Output High Level
Isource=20mA
Isource=200mA
9.6
7.8
9.9
8.5
V
V
tr
Rise Time
Tj=25°C CL=1nF
50
150
ns
tf
Fall Time
Tj=25°C CL=1nF
50
150
ns
UNDER-VOLTAGE LOCKOUT SECTION
UVstart
Start Threshold
6.3
7
7.7
V
UVstop
Min Operating Voltage
After Turn-on
4.5
5
5.5
V
TOTAL STANDBY CURRENT
Ist
Start-up Current
0.5
1
mA
Is
Operating Supply Current
10
20
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com