Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STABP01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STABP01
Description  BASH DIGITAL PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STABP01 Datasheet(HTML) 4 Page - STMicroelectronics

  STABP01 Datasheet HTML 1Page - STMicroelectronics STABP01 Datasheet HTML 2Page - STMicroelectronics STABP01 Datasheet HTML 3Page - STMicroelectronics STABP01 Datasheet HTML 4Page - STMicroelectronics STABP01 Datasheet HTML 5Page - STMicroelectronics STABP01 Datasheet HTML 6Page - STMicroelectronics STABP01 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STABP01
4/7
(*) Rt, Ct = 1% precision component
BUFFER SECTION
Ib
Input Bias Current
1
µA
B
Unity Gain Bandwidth
0.7
1
MHz
SVR
Supply Voltage Rejection
6<Vs<10V
60
70
dB
ICMR
Input Common Mode Range
0
9
V
OR
Output Range
I = 1mA
0.5
8.5
V
SOFT SWITCH SECTION
VOL
Output Low Level
Isink=20mA
Isink=200mA
0.1
1.5
0.4
2.2
V
V
VOH
Output High Level
Isource=20mA
Isource=200mA
9.6
7.8
9.9
8.5
V
V
tr
Rise Time
Tj=25°C CL=1nF
50
150
ns
tf
Fall Time
Tj=25°C CL=1nF
50
150
ns
Vreset
Reset Level
1V
FAST ATTACK CONTROL SECTION
Gdiff
Differential Gain
16
18
20
V/V
OSth
Level for one shot
0.9
1
1.1
V
OSDth
Level for one shot delay
0.9
1
1.1
V
I15leak
Leakage pin 15
V15 = 0.8V
0.2
µA
I17leak
Leakage pin 17
V17 = 10V, V16 = 0V
0.2
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com