Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIAS1-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VIAS1-SIP
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VIAS1-SIP Datasheet(HTML) 2 Page - CUI INC

  VIAS1-SIP Datasheet HTML 1Page - CUI INC VIAS1-SIP Datasheet HTML 2Page - CUI INC VIAS1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VIAS1-SIP Series DC-DC Converter
Rev. 01-2006
2/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
General Specifications
Short circuit protection
<1 second
Temperature rise at full load
25°C Max, 15°C Typ.
Cooling
Free air convection
Operating temperature range
-40°C to +85°C
Storage temperature range
-55°C to +125°C
Soldering temperature
<= 300°C (1.5mm from case for 10 sec.)
Storage humidity range
<95%
Case material
Plastic (UL94-V0)
MTBF
>3,500,000 hrs.
Burn-in
At +85°C, for 4 hours at no-load and 4 hours at full load.
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Tested for 1 min.
1000
Vdc
Insulation Resistance
Test at 500 Vdc
1000
M
Ω
Typical Characteristics
(
)
71 85
Temperature Derating Graph
Ambient Temperature
Safe Operating Area
1.00
+0.15/ -0
Pin Function
Note: All Pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
Side View
Bottom View
27.50
12.00
4.10
1.25
2.32
22.86
9.50
12
79 10
+Vin
-Vin
+Vout
-Vout
COM
1
2
7
9
10
2.54
12
79 10
Layout
Outline Dimensions &
Recommended Layout Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com