Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIAS1-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VIAS1-SIP
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VIAS1-SIP Datasheet(HTML) 3 Page - CUI INC

  VIAS1-SIP Datasheet HTML 1Page - CUI INC VIAS1-SIP Datasheet HTML 2Page - CUI INC VIAS1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VIAS1-SIP Series DC-DC Converter
Rev. 01-2006
3/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Application Notes:
- Input filtering
To reduce the reflected ripple current and minimize
EMI, especially when the converter input is more
than 2” away from the DC source, it is recommended
to connect a low ESR electrolytic capacitor between
Vin and Gnd. The values suggested are as shown in
Table 1. If additional filtering is required, the
capacitance may be increased, or expanded to an LC
network as shown in Figure 1.
Input Voltage
External Input Capacitance
4.7 µF
5 V
12 V
2.2 µF
24 V
1.0 µF
Table 1
- Output filtering
An output capacitor as shown in Table 2 may be used
to reduce output ripples and noise.
requirements as shown in Table 2.
Output capacitance may be increased for additional
filtering, but should not exeed 10µF. It can also be
expanded to an LC network as in Figure 1.
Vout
External Ouput Capacitance
4.7 µF
5 V
9 V
2.2 µF
12 V
1.0 µF
15 V
0.47 µF
Table 2
<Figure 1>
DC
C
L
L
DC
C
-Vin
+Vin
-Vout
+Vout
- Minimum loading
The converter needs a minimum of 10% loading to
maintain output regulation. Operation under no-load
conditions will not cause immediate damages but
may reduce reliability, and cause performance not to
meet specifications.
- Protection
The converter has minimal protection against input
over-voltage or output over-load, and may be
permanently damaged if exposed to these conditions.
An input clamping device can be used for input
voltage limiting. An input fuse or an output fuse
can also be used to protect against over-loading.
- Unregulated input
As fixed input converters, this series can accept
voltages within a limited range of the nominal input.
Otherwise the converter may not function properly or
may be damaged. An optional regulator can be used
at the input to bring voltage within regulation, as
shown in Figure 2.
REG
DC DC
-Vin
+Vin
-Vout
+Vout
<Figure 2>



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com