Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIAS1-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VIAS1-SIP
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VIAS1-SIP Datasheet(HTML) 1 Page - CUI INC

  VIAS1-SIP Datasheet HTML 1Page - CUI INC VIAS1-SIP Datasheet HTML 2Page - CUI INC VIAS1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VIAS1-SIP Series DC-DC Converter
Rev. 01-2006
1/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Features
·Isolated 1 W output
·Regulated
·High efficiency to 73%
·Dual voltage output
·Small footprint
·SIP package style
·Industry standard pinout
·UL94-V0 package
·No heatsink required
·1K Vdc isolation
·Temperature range: -40°C~+85°C
·No external component required
·Low cost
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Voltage
Max.
Min.
Efficiency
Style
VIAS1-S5-D5-SIP
5 Vdc
4.75~5.25 Vdc
±5 Vdc
±100 mA
±10 mA
69%
SIP
VIAS1-S5-D9-SIP
5 Vdc
4.75~5.25 Vdc
±9 Vdc
±56 mA
±6 mA
70%
SIP
VIAS1-S5-D12-SIP
5 Vdc
4.75~5.25 Vdc
±12 Vdc
±42 mA
±5 mA
72%
SIP
VIAS1-S5-D15-SIP
5 Vdc
4.75~5.25 Vdc
±15 Vdc
±33 mA
±4 mA
72%
SIP
VIAS1-S12-D5-SIP
12 Vdc
11.4~12.6 Vdc
±5 Vdc
±100 mA
±10 mA
70%
SIP
VIAS1-S12-D9-SIP
12 Vdc
11.4~12.6 Vdc
±9 Vdc
±56 mA
±6 mA
72%
SIP
VIAS1-S12-D12-SIP
12 Vdc
11.4~12.6 Vdc
±12 Vdc
±42 mA
±5 mA
73%
SIP
VIAS1-S12-D15-SIP
12 Vdc
11.4~12.6 Vdc
±15 Vdc
±33 mA
±4 mA
73%
SIP
VIAS1-S24-D5-SIP
24 Vdc
22.8~25.2 Vdc
±5 Vdc
±100 mA
±10 mA
72%
SIP
VIAS1-S24-D9-SIP
24 Vdc
22.8~25.2 Vdc
±9 Vdc
±56 mA
±6 mA
72%
SIP
VIAS1-S24-D12-SIP
24 Vdc
22.8~25.2 Vdc
±12 Vdc
±42 mA
±5 mA
73%
SIP
VIAS1-S24-D15-SIP
24 Vdc
22.8~25.2 Vdc
±15 Vdc
±33 mA
±4 mA
73%
SIP
Description
Designed to convert fixed volt-
ages into an isolated regulated
voltage, the VIAS1-SIP series is
well suited for providing board-
mount local supplies in a wide
range of applications, including
mixed analog/digital circuits, test
& measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line Regulation
For Vin change of 1%
0.25
%
Load Regulation
10% to 100% full load
1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output ripple
20 MHz Bandwidth
10
15
mVp-p
Output noise
20 MHz Bandwidth
50
100
mVp-p
Switching frequency
Full load, nominal input
100
KHz
Note:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.


Similar Part No. - VIAS1-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VIAS2-S12-D12-SIP CUI-VIAS2-S12-D12-SIP Datasheet
128Kb / 3P
DC-DC Converter
VIAS2-S12-D15-SIP CUI-VIAS2-S12-D15-SIP Datasheet
128Kb / 3P
DC-DC Converter
VIAS2-S12-D5-SIP CUI-VIAS2-S12-D5-SIP Datasheet
128Kb / 3P
DC-DC Converter
VIAS2-S12-D9-SIP CUI-VIAS2-S12-D9-SIP Datasheet
128Kb / 3P
DC-DC Converter
VIAS2-S24-D12-SIP CUI-VIAS2-S24-D12-SIP Datasheet
128Kb / 3P
DC-DC Converter
More results

Similar Description - VIAS1-SIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com