Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95040M3TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST95040M3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95040M3TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST95040M3TR Datasheet HTML 6Page - STMicroelectronics ST95040M3TR Datasheet HTML 7Page - STMicroelectronics ST95040M3TR Datasheet HTML 8Page - STMicroelectronics ST95040M3TR Datasheet HTML 9Page - STMicroelectronics ST95040M3TR Datasheet HTML 10Page - STMicroelectronics ST95040M3TR Datasheet HTML 11Page - STMicroelectronics ST95040M3TR Datasheet HTML 12Page - STMicroelectronics ST95040M3TR Datasheet HTML 13Page - STMicroelectronics ST95040M3TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DATA PROTECTION AND PROTOCOL SAFETY
– All inputs are protected against noise, see Table
6.
– Non valid S and HOLD transitions are not taken
into account.
– S must come high at the proper clock count in
order to start a non-volatile write cycle (in the
memory array or in the status register), that is
the Chip Select S mustrise during the clock pulse
following the introduction of a multiple of 8 bits.
– Access to the memory array during non-volatile
programming cycle is ignored; however, the pro-
gramming cycle continues.
– After any of the operations WREN, WRDI, RDSR
is completed, the chip enters a wait state and
waits for a deselect.
– The write enable latch is reset upon power-up.
– The write enable latch is reset when W is brought
low.
INITIAL DELIVERY STATE
The device is delivered with the memory array in a
fully erased state (all data set at all ”1’s” or FFh).
The block protect bits are initialized to 00.
AI01446
MASTER
ST95xxx
D
Q
C
CQ
D
S
ST95xxx
CQ
D
S
ST95xxx
CQ
D
S
CS3
CS2
CS1
Figure 12. EEPROM and SPI Bus
10/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com