Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95040M3TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST95040M3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95040M3TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST95040M3TR Datasheet HTML 8Page - STMicroelectronics ST95040M3TR Datasheet HTML 9Page - STMicroelectronics ST95040M3TR Datasheet HTML 10Page - STMicroelectronics ST95040M3TR Datasheet HTML 11Page - STMicroelectronics ST95040M3TR Datasheet HTML 12Page - STMicroelectronics ST95040M3TR Datasheet HTML 13Page - STMicroelectronics ST95040M3TR Datasheet HTML 14Page - STMicroelectronics ST95040M3TR Datasheet HTML 15Page - STMicroelectronics ST95040M3TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Symbol
Alt
Parameter
ST95040 / 020 / 010
Unit
VCC = 4.5V to 5.5V,
TA = 0 to 70
°C,
TA = –40 to 85
°C
VCC = 4.5V to 5.5V,
TA = –40 to 125
°C
VCC = 2.5V to 5.5V,
TA = 0 to 70
°C,
TA = –40 to 85
°C
Min
Max
Min
Max
Min
Max
fC
fC
Clock Frequency
D.C.
2
D.C.
2
D.C.
1
MHz
tSLCH
tCSS
S Active Setup Time
100
100
200
ns
tCHSL
S Not Active Hold
Time
100
100
200
ns
tCH
(1)
tCLH
Clock High Time
190
200
400
ns
tCL
(1)
tCLL
Clock Low Time
200
200
400
ns
tCLCH
tRC
Clock Rise Time
1
1
1
µs
tCHCL
tFC
Clock Fall Time
1
1
1
µs
tDVCH
tDSU
Data In Setup Time
50
50
100
ns
tCHDX
tDH
Data In Hold Time
50
50
100
ns
tDLDH
tRI
Data In Rise Time
1
1
1
µs
tDHDL
tFI
Data In Fall Time
1
1
1
µs
tHHCH
tHSU
HOLD Setup Time
100
100
200
ns
tHLCH
Clock Low Hold Time
90
90
200
ns
tCLHL
tHH
HOLD Hold Time
80
80
200
ns
tCLHH
Clock Low Set-up
Time
100
100
200
ns
tCHSH
S Active Hold Time
200
200
200
ns
tSHCH
S Not Active Setup
Time
100
100
200
ns
tSHSL
tCSH
S Deselect Time
200
200
200
ns
tSHQZ
tDIS
Output Disable Time
150
150
200
ns
tCLQV
tV
Clock Low to Output
Valid
240
300
400
ns
tCLQX
tHO
Output Hold Time
0
0
0
ns
tQLQH
(2)
tRO
Output Rise Time
100
100
200
ns
tQHQL
(2)
tFO
Output Fall Time
100
100
200
ns
tHHQX
tLZ
HOLD High to Output
Low-Z
100
100
200
ns
tHLQZ
tHZ
HOLD Low to Output
High-Z
130
130
200
ns
tW
tWP
Write Cycle Time
10
10
10
ms
Notes: 1. tCH +tCL
≥ 1/fc
2. Value guaranteed by characterization, not 100% tested in production.
Table 8. AC Characteristics
12/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com