Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95040M3TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST95040M3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95040M3TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST95040M3TR Datasheet HTML 7Page - STMicroelectronics ST95040M3TR Datasheet HTML 8Page - STMicroelectronics ST95040M3TR Datasheet HTML 9Page - STMicroelectronics ST95040M3TR Datasheet HTML 10Page - STMicroelectronics ST95040M3TR Datasheet HTML 11Page - STMicroelectronics ST95040M3TR Datasheet HTML 12Page - STMicroelectronics ST95040M3TR Datasheet HTML 13Page - STMicroelectronics ST95040M3TR Datasheet HTML 14Page - STMicroelectronics ST95040M3TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Figure 13. AC Testing Input Output Wavef.
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Output Load
CL = 100pF
Note that Output Hi-Z is defined as the point where data is no
longer driven.
Table 5. AC Measurement Conditions
Symbol
Parameter
Min
Max
Unit
CIN
Input Capacitance (D)
8
pF
CIN
Input Capacitance (other pins)
6
pF
tLPF
Input Signal Pulse Width Filtered Out
10
ns
Note: 1. Sampled only, not 100% tested.
Table 6. Input Parameters (1) (TA =25
°C, f = 2 MHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
±2
µA
ILO
Output Leakage Current
±2
µA
ICC
Supply Current
C = 0.1 VCC/0.9 VCC ,
@ 2 MHz, Q = Open
2mA
C = 0.1 VCC/0.9 VCC ,
@ 2 MHz, Q = Open, Note 2
2mA
Supply Current (W series)
C = 0.1 VCC/0.9 VCC ,
@ 1 MHz, VCC = 2.5V,
Q = Open
1.5
mA
ICC1
Standby Current
S=VCC,VIN =VSS or VCC
50
µA
S= VCC,VIN =VSS or VCC,
Note 2
50
µA
Standby Current (W series)
S= VCC,VIN =VSS or VCC,
VCC = 2.5V
25
µA
VIL
Input Low Voltage
– 0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC +1
V
VOL
(1)
Output Low Voltage
IOL = 2mA
0.4
V
IOL = 2mA, Note 2
0.4
V
Output Low Voltage (W series)
IOL = 1.5mA, VCC = 2.5V
0.4
V
VOH
(1)
Output High Voltage
IOH = –2mA
VCC –0.6
V
IOH = –2mA, Note 2
VCC –0.6
V
Output High Voltage (W series)
IOH = –0.4mA, VCC = 2.5V
VCC –0.3
V
Notes: 1. The device meets output requirements for both TTL and CMOS standards.
2. Test performed at –40 to 125
°C temperature range, grade 3.
Table 7. DC Characteristics
(TA = 0 to 70
°C, –40 to 85°C or –40 to 125°C; VCC = 4.5V to 5.5V or 2.5V to 5.5V)
11/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com