Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5021 Datasheet HTML 1Page - Micrel Semiconductor MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
July 2005
5
MIC5021
MIC5021
Micrel, Inc.
Functional Description
Refer to the MIC5021 block diagram.
Input
A signal greater than 1.4V (nominal) applied to the MIC5021
INPUT
causes gate enhancement on an external MOSFET
turning the MOSFET on.
An internal pull-down resistor insures that an open INPUT
remains low, keeping the external MOSFET turned off.
Gate Output
Rapid rise and fall times on the GATE output are possible
because each input state change triggers a one-shot which
activates a high-value current sink (10I2) for a short time.
This draws a high current though a current mirror circuit
causing the output transistors to quickly charge or discharge
the external MOSFET’s gate.
A second current sink continuously draws the lower value
of current used to maintain the gate voltage for the selected
state.
An internal charge pump utilizes an external “boost” capacitor
connected between VBOOST and the source of the external
MOSFET. (Refer to typical application.) The boost capacitor
stores charge when the MOSFET is off. As the MOSFET
turns on, its source to ground voltage increases and is added
to the voltage across the capacitor, raising the VBOOST pin
voltage. The boost capacitor charge is directed through
the GATE pin to quickly charge the MOSFET’s gate to 16V
maximum above VDD. The internal charge pump maintains
the gate voltage.
An internal zener diode protects the external MOSFET by
limiting the gate to source voltage.
Sense Inputs
The MIC5021’s 50mV (nominal) trip voltage is created by
internal current sources that force approximately 5µA out of
SENSE
+ and approximately 15µA (at trip) out of SENSE –.
When SENSE – is 50mV or more below SENSE +, SENSE –
steals base current from an internal drive transistor shutting
off the external MOSFET.
Overcurrent Limiting
Current source I1 charges CINT upon power up. An optional
externalcapacitorconnectedtoCTiskeptdischargedthrough
a MOSFET Q1.
A fault condition (> 50mV from SENSE + to SENSE –) causes
the overcurrent comparator to enable current sink 2I1 which
overcomes current source I1 to discharge CINT in a short
time. When CINT is discharged, the INPUT is disabled, which
turns off the gate output, and CINT and CT are ready to be
charged.
When the gate output turns the MOSFET off, the overcurrent
signal is removed from the sense inputs which deactivates
current sink 2I1. This allows CINT and the optional capacitor
connected to CT to recharge. A Schmitt trigger delays the
retry while the capacitor(s) recharge. Retry delay is increased
by connecting a capacitor to CT (optional).
The retry cycle will continue until the fault is removed or the
input is changed to TTL low.
If CT is connected to ground, the circuit will not retry upon a
Supply Voltage
The MIC5021’s supply input (VDD) is rated up to 36V. The
supply voltage must be equal to or greater than the voltage
applied to the drain of the external N-channel MOSFET.
A 16V minimum supply is recommended to produce continu-
ous on-state, gate drive voltage for standard MOSFETs (10V
nominal gate enhancement).
When the driver is powered from a 12V to 16V supply, a
logic-level MOSFET is recommended (5V nominal gate
enhancement).
PWM operation may produce satisfactory gate enhancement
at lower supply voltages. This occurs when fast switching
repetition makes the boost capacitor a more significant volt-
age supply than the internal charge pump.
Applications Information
The MIC5021 MOSFET driver is intended for high-side
switching applications where overcurrent limiting and high
speed are required. The MIC5021 can control MOSFETs
that switch voltages up to 36V.
High-Side Switch Circuit Advantages
High-side switching allows more of the load related com-
ponents and wiring to remain near ground potential when
compared to low-side switching. This reduces the chances
of short-to-ground accidents or failures.
Speed Advantage
The MIC5021 is about two orders of magnitude faster than
the low cost MIC5014 making it suitable for high-frequency
high-efficiency circuit operation in PWM (pulse width modu-
lation) designs used for motor control, SMPS (switch mode
power supply) and heating element control.
Switched loads (on/off) benefit from the MIC5021’s fast
switching times by allowing use of MOSFETs with smaller
safe operating areas. (Larger MOSFETs are often required
when using slower drivers.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com