Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor MIC5021 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIC5021
Micrel, Inc.
MIC5021
6
July 2005
Logic-Level MOSFET Precautions
Logic-level MOSFETs have lower maximum gate-to-source
voltage ratings (typically ±10V) than standard MOSFETs
(typically ±20V). When an external MOSFET is turned on,
the doubling effect of the boost capacitor can cause the
gate-to-source voltage to momentarily exceed 10V. Internal
zener diodes clamp this voltage to 16V maximum which
is too high for logic-level MOSFETs. To protect logic-level
MOSFETs, connect a zener diode (5V≤VZener<10V) from
gate to source.
Overcurrent Limiting
A 50mV comparator is provided for current sensing. The low
level trip point minimizes I2R losses when a power resistor
is used for current sensing.
The adjustable retry feature can be used to handle loads with
high initial currents, such as lamps or heating elements, and
can be adjusted from the CT connection.
CT to ground maintains gate drive shutdown following an
overcurrent condition.
CT open, or a capacitor to ground, causes automatic retry.
The default duty cycle (CTopen)isapproximately20%. Refer
to the electrical characteristics when selecting a capacitor for
reduced duty cycle.
CT through a pull-up resistor to VDD increases the duty cycle.
Increasing the duty cycle increases the power dissipation
in the load and MOSFET under a “fault” condition. Circuits
may become unstable at a duty cycle of about 75% or higher,
depending on conditions. Caution: The MIC5021 may be
damaged if the voltage applied to CT exceeds the absolute
maximum voltage rating.
Boost Capacitor Selection
The boost capacitor value will vary depending on the supply
voltage range.
V DD
Input
C T
Gnd
V BOOST
Gate
Sense-
Sense+
TTL Input
+12V to +20V
MIC5021
1
2
3
4
8
7
6
5
10µF
0.01
µF
Load
Figure 1. 12V to 20V Configuration
A 0.01µF boost capacitor is recommended for best perfor-
mance in the 12V to 20V range. Refer to figure 1. Larger
capacitors may damage the MIC5021.
V DD
Input
C T
Gnd
V BOOST
Gate
Sense-
Sense+
TTL Input
+12V to +36V
MIC5021
1
2
3
4
8
7
6
5
10µF
2.7
nF
Load
Figure 2. 12V to 36V Configuration
If the full 12V to 36V voltage range is required, the boost
capacitor value must be reduced to 2.7nF. Refer to Figure
2. The recommended configuration for the 20V to 36V range
is to place the capacitor is placed between VDD and VBOOST
as shown in Figure 3.
V DD
Input
C T
Gnd
V BOOST
Gate
Sense-
Sense+
TTL Input
+12V to +36V
MIC5021
1
2
3
4
8
7
6
5
10µF
Load
0.01
µF
Figure 3. Preferred 20V to 36V Configuration
Do not use both boost capacitor between VBOOST and the
MOSFET source and VBOOST and VDD at the same time.
Current Sense Resistors
Lead length can be significant when using low value (< 1Ω)
resistors for current sensing. Errors caused by lead length
can be avoided by using four-teminal current sensing re-
sistors. Four-terminal resistors are available from several
manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com