Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5021 Datasheet HTML 1Page - Micrel Semiconductor MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC5021
Micrel, Inc.
MIC5021
4
July 2005
0.0
0.5
1.0
1.5
2.0
2.5
5
10 15 20 25 30 35 40
VSUPPLY (V)
Supply Current vs.
Supply Voltage
VIN = 0V
VIN = 5V
650
700
750
800
850
900
5
10 15 20 25 30 35 40
VSUPPLY (V)
Gate Turn-On Dalay vs.
Supply Voltage
VGATE = VSUPPLY + 4V
CL = 1500pF(IRCZ34)
CBOOST= 0.01µF
INCLUDES PROPAGATION DELAY
750
800
850
900
950
1000
5
10 15 20 25 30 35 40
VSUPPLY (V)
Gate Turn-On Delay vs.
Supply Voltage
VGATE = VSUPPLY + 10V
CL = 1500pF(IRCZ34)
CBOOST= 0.01µF
INCLUDES PROPAGATION DELAY
0.0
0.5
1.0
1.5
2.0
2.5
1x100 1x101 1x102 1x103 1x104 1x105
CGATE (pF)
Gate Turn-On Delay vs.
Gate Capacitance
VGATE = VSUPPLY + 4V
VSUPPLY = 12V
INCLUDES PROPAGATION DELAY
750
1000
1250
1500
1750
2000
5
10 15 20 25 30 35 40
VSUPPLY (V)
Gate Turn-Off Delay vs.
Supply Voltage
VGATE = VSUPPLY + 4V
RL = 400
INCLUDES PROPAGATION DELAY
CGATE = 1500pF
(IRCZ34)
0
5
10
15
20
25
0.1
1
10
100 1000 10000
CT (pF)
NOTE:
tON, tOFF TIME
INDEPENDENT
OF VSUPPLY
Overcurrent Retry Duty
Cycle vs. Timing Capacitance
tON = 5µs
VSUPPLY = 12V
0
5
10
15
20
25
5
10 15 20 25 30 35 40
VSUPPLY (V)
Gate Voltage Change
vs. Supply Voltage
VGATE = VGATE – VSUPPLY
0
20
40
60
80
100
0
5
10
15
20
25
VIN (V)
Input Current vs.
Input Voltage
VSUPPLY = 12V
Typical Characteristics
Timing Diagram 2. Fault Condition, CT = Open
Timing Diagram 3. Fault Condition, CT = Grounded
Input
0V
TTL (H)
Source
50mV
Sense +,–
Differential
Gate
0V
15V (max.)
6µs
20µs
Input
0V
TTL (H)
Source
50mV
Sense +,–
Differential
Gate
0V
15V (max.)
6µs
Input
0V
TTL (H)
Source
50mV
Sense +,–
Differential
Gate
0V
15V (max.)
Timing Diagram 1. Normal Operation
20
30
40
50
60
70
80
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Sense Threshold vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com