Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0508 Datasheet(PDF) 1 Page - Protek Devices

Part # PLR0508
Description  STEERING DIODE/TVS ARRAY COMBO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0508 Datasheet(HTML) 1 Page - Protek Devices

  PLR0508 Datasheet HTML 1Page - Protek Devices PLR0508 Datasheet HTML 2Page - Protek Devices PLR0508 Datasheet HTML 3Page - Protek Devices PLR0508 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLR0508
STEERING DIODE/TVS ARRAY COMBO
1
05276.R3 3/08
www.protekdevices.com
APPLICATIONS
✔ Ethernet - 10/100/1000 Base T
✔ FireWire
✔ Serial ATA Ports & PCI Express Ports
✔ USB Ports
✔ DVI Ports & HDMI Ports
✔ High-speed Data Line ESD Protection
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ ESD Protection > 40 kilovolts
✔ Low Clamping Voltage
✔ Protects Eight (8) Lines
✔ Protects 4 I/O Ports & Power Supply
✔ Ultra-Low Capacitance: 1.6pF (I/O - I/O)
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ DFN-10 Package
✔ Weight 7 milligrams (Approximate)
✔ Available in Lead-Free Nickel-Paladium-Gold Plating
✔ Solder Reflow Temperature:
Nickel-Paladium-Gold (Ni/Pd/Au) - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ Device Marking: Marking Code
✔ 8mm Tape and Reel Per EIA Standard 481
PIN CONFIGURATION
DFN-10
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1


Similar Part No. - PLR0508

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
1Mb / 7P
ultra low capacitance steering diode/tvs array
PLR0508 PROTEC-PLR0508_11 Datasheet
1Mb / 7P
ultra low capacitance steering diode/tvs array
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
ultra low capacitance steering diode/tvs arr ay
More results

Similar Description - PLR0508

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
STEERING DIODE/TVS ARRAY COMBO
PSR05 PROTEC-PSR05 Datasheet
87Kb / 5P
STEERING DIODE/TVS ARRAY COMBO
PSRDA3.3-6 PROTEC-PSRDA3.3-6 Datasheet
87Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
Steering Diode/TVS Array Combo
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com