Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0508 Datasheet(PDF) 4 Page - Protek Devices

Part # PLR0508
Description  STEERING DIODE/TVS ARRAY COMBO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0508 Datasheet(HTML) 4 Page - Protek Devices

  PLR0508 Datasheet HTML 1Page - Protek Devices PLR0508 Datasheet HTML 2Page - Protek Devices PLR0508 Datasheet HTML 3Page - Protek Devices PLR0508 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLR0508
4
05276.R3 3/08
www.protekdevices.com
DFN-10 (WIDE BODY) PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2008
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer ’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F W
User Direction of Feed
Pin 1
Indicated
by Dot
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)/330mm(13”)
8mm
3.20± 0.10
3.20± 0.10 0.75 ± 0.10
PACKAGE OUTLINE
0.50
0.13
0.25
3.00
2.50
3.00
1.80
0.50
0.40
0.55
-
0.30
3.10
2.55
3.10
1.85
-
0.45
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in millimeters
2. Dimension b applies to terminal and is measured between 0.25 and
0.30mm from terminal.
3. Coplanarity applies to the exposed pad as well as the terminals.
4. Dimensions A2 and e are BSC.
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA 481.
2. Suffix-T71 = 7 Inch Reel - 1,000 pieces per 8mm tape, i.e.,
PLR0508T71.
3. Suffix-T73 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e.,
PLR0508-T73.
MIN
MAX
MIN
MAX
0.019
0.005
0.009
0.117
0.097
0.117
0.070
0.019
0.015
0.021
-
0.011
0.120
0.099
0.120
0.072
-
0.017
0.017
-
0.007
0.113
0.095
0.113
0.068
-
0.013
Outline & Dimensions: Rev 0 - 12/07, 06080
D
E
A
A2
Pin 1 Reference
TOP VIEW
SIDE VIEW
e
L
E2
D2
5
6
1
10
BOTTOM VIEW
0.25-45’
b
0.45
-
0.20
2.90
2.45
2.90
1.75
-
0.35
A
A2
b
D
D2
E
E2
e
L
NOM
NOM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com