Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0508 Datasheet(PDF) 2 Page - Protek Devices

Part # PLR0508
Description  STEERING DIODE/TVS ARRAY COMBO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0508 Datasheet(HTML) 2 Page - Protek Devices

  PLR0508 Datasheet HTML 1Page - Protek Devices PLR0508 Datasheet HTML 2Page - Protek Devices PLR0508 Datasheet HTML 3Page - Protek Devices PLR0508 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLR0508
2
05276.R3 3/08
www.protekdevices.com
DEVICE CHARACTERISTICS
SYMBOL
VALUE
-55 to 150
°C
-55 to 150
UNITS
TL
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
°C
Note 1: From I/O Pin to I/O.
Note 2: Across TVS only (Pin 3 to 8).
PART
NUMBER
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
(See Note 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
(See Note 2)
@ I
P = 5A
V
C
VOLTS
TYPICAL
CAPACITANCE
(See Note 1)
@0V, 1 MHz
C
J(SD)
pF
PLR0508
508
6.0
9.8
13.0
1.6
MAXIMUM
LEAKAGE
CURRENT
@ V
WM
I
D
µA
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
200W 8/20µs
Waveform
0.1
1
10
100
1000
10000
td - Pulse Duration - µs
10000
1000
100
10
FIGURE 1
PEAK PULSE POWER VS PULSE TIME



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com