Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM742SP16 Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16
Description  256K x 16Bit Multiplexed Single Transistor RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16 Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
2
FEATURES
- Process Technology : 0.13
µm CMOS process
-
Organization :256K x16
-
Power Supply Voltage : 1.7~1.9V
- Multiplexed address and data bus
-
Three state outputs
-
Auto TCSR for power saving
GENERAL WAFER SPECIFICATIONS
-
Deep trench process
-
3 Metal layers including local inter-connection
-
Wafer diameter : 8-inch
256K x16 Bit Multiplexed Single Transistor RAM
FUNCTION BLOCK DIAGRAM
COLUMN SELECT
I/O CIRCUIT
Memory Array
256K X 16
Self-Refresh
CONTROL
CONTROL
LOGIC
ADDRESS
DECODER
ADDRESS/DATA
Multiplexer
Din/Dout BUFFER
ADQ0~
ADQ15
A16~A17
/AVD
/CS
/UB
/LB
/WE
/OE
Name
Function
Name
Function
/CS
Chip select inputs
/LB
Lower byte (ADQ0~7)
/OE
Output enable input
/UB
Upper byte (ADQ8~15)
/WE
Write enable input
VCC
Power supply
/AVD Address valid input
VCCQ I/O Power supply
ADQi Address/Data In-out
VSS(Q) Ground
Ai
Address inputs
NC
No connection
PAD DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com