Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM742SP16 Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16
Description  256K x 16Bit Multiplexed Single Transistor RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16 Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
1
Document Title
256K x 16Bit Multiplexed Single Transistor RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
December 21 , 2006
Preliminary
0.1
1’st Revision
Add to pad coordinate
March 07, 2007
Preliminary
0.2
2’nd Revision
Product code chang from
EM742SP16AW to EM742SP16
March 20, 2007
Preliminary
0.3
3’rd Revision
Valid address change from A18 to
A17
March 28, 2007
Priliminary
0.4
4’ th Revision
Remove configure register sets at
functional descripition table
May 9, 2007
Priliminary
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Zip Code: 690-717
Tel : +82-64-740-1700 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM742SP16

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
256K x Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
256K (256K x 1) Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
512K x 16Bit Multiplexed Single Transistor RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com