Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM742SP16 Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16
Description  256K x 16Bit Multiplexed Single Transistor RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16 Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
3
ABSOLUTE MAXIMUM RATINGS 1)
1. Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. Undershoot at power-off : -1.0V in case of pulse width < 20ns
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to VCCQ+0.3V
V
Voltage on Vcc supply relative to Vss
VCC, VCCQ
-0.22) to 2.5V
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
oC
Operating Temperature
TA
-25 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
OE
WE
LB
UB
AVD
ADQ0~15
A16~A17
Mode
Power
H
X
X
X
X
X
High-Z
X
Deselected
Stand by
L
H
H
X
X
H
High-Z
X
Output Disabled
Active
L
X
X
H
H
X
High-Z
X
Output Disabled
Active
L
H
H
H
H
L
Add. Input
Add. Input
Address Input
Active
L
L
H
L
H
H
Data Out
X
Lower Byte Read
Active
L
L
H
H
L
H
Data Out
X
Upper Byte Read
Active
L
L
H
L
L
H
Data Out
X
Word Read
Active
L
H
L
L
H
H
Data In
X
Lower Byte Write
Active
L
H
L
H
L
H
Data In
X
Upper Byte Write
Active
L
H
L
L
L
H
Data In
X
Word Write
Active



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com