Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS132AW Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
11
RMS132AW
Table5: Command Truth Table
X
X
X
X
X
X
X
X
X
X
X
X
L/H
L/H
L/H
L/H
X
X
X
X
X
DQM
L
X
H
H
H
L
X
H
No Operation (NOP)
X
X
X
X
H
X
H
Command Inhinit (NOP)
V
V
V
L
H
H
H
L
H
H
H
L
H
H
H
L
X
X
H
L
Deep Power Down Exit
6
X
H
H
L
L
H
Deep Power Down Entry
X
X
H
L
Clock Suspend Exit
X
X
X
X
H
L
H
Clock Suspend Entry
X
X
X
X
H
H
L
Precharge Down Exit
X
X
X
X
H
L
H
Precharge Power Down Entry
2
X
X
X
X
H
H
L
Self Refresh Exit
3
X
H
L
L
L
L
H
Self Refresh Entry
3
X
H
L
L
L
H
H
Auto Refresh
X
L
H
H
L
H
H
Burst Stop
L
Bank
L
H
L
L
X
H
Precharge Selected Bank
H
X
L
H
L
L
X
H
Precharge All Banks
5
H
Bank/Col
L
L
H
L
X
H
Write with Autoprecharge
5
L
Bank/Col
L
L
H
L
X
H
Write
5
H
Bank/Col
H
L
H
L
X
H
Read with Autoprecharge
5
L
Bank/Col
H
L
H
L
X
H
Read
Bank/Row
H
H
L
L
X
H
Active (select bank and
activate row)
4
OP CODE
L
L
L
L
X
H
Extended Mode Register Set
4
OP CODE
L
L
L
L
X
H
Mode Register Set
Note
A10
ADDR
/WE
/CAS
/RAS
/CS
CKEn
CKEn-1
Function
Note :
1. CKEn is the logic state of CKE at clock edge n; CKEn-1 was the state of CKE at the previous clock edge.
H: High Level, L: Low Level, X: Don't Care, V: Valid
2. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high and will put the device in the all banks idle state once
tXSR is met. Command Inhibit or NOP commands should be issued on any clock edges occuring during the tXSR period. A minimum
of two NOP commands must be provided during tXSR period.
3. During refresh operation, internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
4. A0-A10 define OP CODE written to the mode register, and BA must be issued 0 in the mode register set, and 1 in the extended
mode register set.
5. DQM “L” means the data Write/Ouput Enable and “H” means the Write inhibit/Output High-Z. Write DQM Latency is 0 CLK and Read
DQM Latency is 2 CLK.
6. Standard SDRAM parts assign this command sequence as Burst Terminate. For Bat Ram parts, the Burst Terminate command is
assigned to the Deep Power Down function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com