Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS132AW Datasheet(PDF) 22 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 22 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
22
RMS132AW
Table13: AC Characteristic (AC operation conditions unless otherwise noted)
1.2
0.5
1.2
0.5
1.2
0.5
tT
Transition time
5
70
67.5
66
tXSR
Exit SELF REFRESH to ACTIVE command
5
ns
70
67.5
66
tRFC
AUTO REFRESH period
ms
64
64
64
tREF
Refresh period (4,096 rows)
9
1
1
1
tPED
CKE to clock enable or power-down exit
setup mode
9
CLK
1
1
1
tCKED
CKE to clock disable or power-down entry
mode
1
1
2
3
2
0
2
37.5
15
0
1
22.5
15
67.5
22.5
45
1.8
2.5
1.0
1.0
2.0
1.0
2.0
1.0
2.0
1.0
2.0
2.5
2.5
10
7.5
Min
-75
100K
8
6
8
6
1000
Max
40
6
1
1
tBDL
Last data-in to burst STOP command
6
1
1
tCDL
Last data-in to new READ/WRITE command
CL = 2
CL = 3
2
2
tROH2
8
2
2
tMRD
LOAD MODE REGISTER command to ACTIVE
or REFRESH command
6
0
0
tDQM
DQM to data mask during WRITEs
6
CLK
2
2
tDQZ
DQM to data high-impedance during READs
7
ns
20
12
tDPL
Data-in to PRECHARGE command
7
30
tDAL
Data-in to ACTIVE command
6
0
0
tDWD
WRITE command to input data delay
6
CLK
1
1
tCCD
READ/WRITE command to READ/WRITE
command
20
12
tRRD
ACTIVE bank a to ACTIVE bank b command
24
18
tRP
PRECHARGE command period
2.0
1.5
tDS
Data-In Setup Time
2.0
1.5
tAS
Address Setup Time
2.0
1.5
tCMS
/CS, /RAS, /CAS, /WE, DQM Setup Time
2.0
1.5
tCKS
CKE Setup Time
1.0
1.0
tCMH
/CS, /RAS, /CAS, /WE, DQM Hold Time
1.0
1.0
tCKH
CKE Hold Time
3
2.5
2.5
tCH
CLK High-Level Width
3
2.5
2.5
tCL
CLK Low-Level Width
3
18
60
42
1.8
2.5
1.0
1.0
1.0
10
6.0
Min
-60
100K
8
5.5
8
5.5
1000
Max
Max
Min
1
ns
1000
10
tCK3
CL = 3
CLK Cycle Time
10
tCK2
CL = 2
20
tRCD
ACTIVE to READ or WRITE delay
6
3
tROH3
Data-out to high-impedance from
PRECHARGE command
5
64
tRC
ACTIVE bank a to ACTIVE bank a command
8
CL = 2
CL = 3
4
8
tHZ3
Data-Out High-Impedance Time
from CLK (pos.edge)
tHZ2
1.0
tLZ
Data-Out Low-Impedance Time
2.5
tOH
Data-Out Hold Time (load)
1.8
tOHN
Data-Out Hold Time (no load)
1.0
tDH
Data-In Hold Time
100K
40
tRAS
ACTIVE to PRECHARGE command
1.0
tAH
Address Hold Time
8
tAC2
CL = 2
CL = 3
2
8
tAC3
Access time from CLK (pos. edge)
-10
Note
Unit
Sym
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com