Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS132AW Datasheet(PDF) 14 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 14 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emsli.com.
14
RMS132AW
Table6: Function Truth Table
No Operation : Row
Active after tDPL
Device Deselect
X
X
X
X
X
H
X
Col Add./A10
Col Add./A10
X
X
BA
BA
BA
H
H
L
L
9
Start Write : Optional
AP(A10=H)
Read/Read AP
L
H
L
Start Write : Optional
AP(A10=H)
Write/WriteAP
L
H
L
No Operation : Row
Active after tDPL
ILLEGAL
ILLEGAL
ILLEGAL
ILLEGAL
No Operation : ROw
Active after tRCD
No Operation : ROw
Active after tRCD
ILLEGAL
ILLEGAL
ILLEGAL
ILLEGAL
ILLEGAL
No Operation :
Bank(s) Idle after tRP
ILLEGAL
ILLEGAL
Description
A0-A10
BA
/WE
/CAS
/RAS
/CS
No Operation
H
H
L
4,12
Bank Activate
Row Add.
BA
H
H
L
L
4,13
Precharge
H
L
L
13
Auto or Self Refresh
X
X
H
L
L
L
13,14
Mode Register Set
OP CODE
L
L
L
L
Write
Recovering
Device Deselect
X
X
X
X
X
H
No Operation
X
X
H
H
H
L
4,12
Read/Read AP
Col Add./A10
BA
H
L
H
L
4,12
Write/Write AP
Col Add./A10
BA
L
L
H
L
4,11,12
Bank Activate
Row Add.
BA
H
H
L
L
4,12
ILLEGAL
Precharge
X
BA
L
H
L
L
13
ILLEGAL
Auto or Self Refresh
X
X
H
L
L
L
13,14
ILLEGAL
Mode Register Set
OP CODE
L
L
L
L
Row
Activating
No Operation :
Bank(s) Idle after tRP
Device Deselect
X
X
X
X
X
H
No Operation :
Bank(s) Idle after tRP
No Operation
X
X
H
H
H
L
4,12
ILLEGAL
Read/ReadAP
Col Add./ A10
BA
H
L
H
L
4,12
Write/WriteAP
Col Add./ A10
BA
L
L
H
L
4,12
Bank Activate
Row Add.
BA
H
H
L
L
Precharge
X
BA
L
H
L
L
13
Auto or Self Refresh
X
X
H
L
L
L
13,14
Mode Register Set
OP CODE
L
L
L
L
Precharging
Note
Action
Command
Current
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com