Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-70L Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-70L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-70L Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EMC646SP16JS-70L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
2
Preliminary
64Mb Async/Page/Burst CellularRAM
FEATURES
- Sigle device supports asynchrous, page and burst operation
- Vcc, VccQ voltages:
1.7V.1.95V VCC
1.7V.1.95V VCCQ
- Random access time: 70ns
- Burst mode READ and WRITE access:
4, 8, 16, or 32 words, or continuous burst
Burst wrap or sequential
Max clock rate: 104 MHz (tCLK = 9.62ns)
Burst initial latency: 38.5ns (4 clocks) @ 104 MHz ,
tACLK: 7ns @ 104 MHz
- Page mode READ access:
Sixteen-word page size
Interpage READ access : 70ns
Intrapage READ access : 20ns
- Low power consumption:
Asynchronous READ: <25mA
Initial access, burst READ:
(38.5ns [4 clocks] @ 104 MHz) <35mA
Continuous burst READ: <30mA
- Low-power features
On-chip temperature compensated self refresh (TCSR)
Partial array refresh (PAR)
Deep Power-down(DPD) mode
OPTIONS
- Configuration: 64Mb (4 megabit x 16)
- Vcc core / VccQ I/O voltage supply: 1.8V
- Timing: 70ns access
- Frequency: 83 MHz, 104 MHz
- Standby current at 85°C
Low Low Power : 140
µA(max)
Low Power
: 160
µA(max)
Standard
: 180
µA(max)
- Operating temperature range:
Wireless -30°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com