Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-70L Datasheet(PDF) 28 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-70L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-70L Datasheet(HTML) 28 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-70L Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
28
Preliminary
Partial Array Refresh (RCR[2:0] Default = Full Array Refresh
The PAR bits restrict refresh operation to a portion of the total memory array. This feature allows the device to reduce standby current by
refreshing only that part of the memory array required by the host system. The refresh options are full array, one-half array, one-quarter
array, one-eighth array, or none of the array. The mapping of these partitions can start at either the beginning or the end of the address
map.
Table 7: Address Patterns for PAR (RCR[4] = 1)
Deep Power-Down (RCR[4]) Default = DPD Disabled
The deep power-down bit enables and disables all refresh-related activity. This mode is used if the system does not require the storage
provided by the CellularRAM device. Any stored data will become corrupted when DPD is enabled. When refresh activity has been re-
enabled, the CellularRAM device will require 150
µs to perform an initialization procedure before normal operations can resume. Deep
power-down is enabled by setting RCR[4] = 0 and taking CE# HIGH. DPD can be enabled using CRE or the software sequence to
access the RCR. Taking CE# LOW for at least 10
µs disables DPD and sets RCR[4] = 1; it is not necessary to write to the RCR to disable
DPD. BCR and RCR values (other than RCR[4]) are preserved during DPD.
Page Mode Operation (RCR[7]) Default = Disabled
The page mode operation bit determines whether page mode is enabled for asynchronous READ operations. In the power-up default
state, page mode is disabled.
Device Identification Register
The DIDR provides information on the device manufacturer, CellularRAM generation, and the specific device configuration. Table 8
describes the bit fields in the DIDR. This register is read-only. The DIDR is accessed with CRE HIGH and A[19:18] = 01b, or through the
register access software sequence with DQ = 0002h on the third cycle.
Table 8: Device Identification Register Mapping
RCR[2]
RCR[1]
RCR[0]
Active Section
Address Space
Size
Density
0
0
0
Full Die
000000h-3FFFFFh
4 Meg x 16
64Mb
0
0
1
One-half die
000000h-1FFFFFh
2 Meg x 16
32Mb
0
1
0
One-quarter of die
000000h-0FFFFFh
1 Meg x 16
16Mb
0
1
1
One-eighth of die
000000h-07FFFFh
512 K x 16
8Mb
1
0
0
None of die
0
0 Meg x 16
0Mb
1
0
1
One-half of die
200000h-3FFFFFh
2 Meg x 16
32Mb
1
1
0
One-quarter of die
300000h-3FFFFFh
1 Meg x 16
16Mb
1
1
1
One-eighth of die
380000h-3FFFFFh
512 K x 16
8Mb
Bit Field
DIDR[15]
DIDR[14:11]
DIDR[10:8]
DIDR[7:5]
DIDR[4:0]
Field name
Row Length
Device version
Device density
CellularRAM generation
Vendor ID
Length
Bit
Setting
Version
Bit
Setting
Density
Bit
Setting
Generation
Bit
Setting
Vendor
Bit
Setting
Options
256words
1b
1st
0000b
64Mb
010b
CR 1.5
010b
EMLSI
01010b
2nd
0001b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com