Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-70L Datasheet(PDF) 23 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-70L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-70L Datasheet(HTML) 23 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-70L Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
23
Preliminary
Burst Length (BCR[2:0]) Default = Continuous Burst
Burst lengths define the number of words the device outputs during burst READ and WRITE operations. The device supports a burst
length of 4, 8, 16, or 32 words. The device can also be set in continuous burst mode where data is accessed sequentially up to the end
of row.
Burst Wrap (BCR[3]) Default = No Wrap
The burst-wrap option determines if a 4, 8, 16, or 32 word READ or WRITE burst wraps within the burst length, or steps through
sequential addresses. If the wrap option is not enabled, the device accesses data from sequential addresses up to the end of the row.
Table 3: Sequence and Burst Length
BURST Wrap
Starting
Address
4 Word
Burst
Length
8 Word
Burst Length
16 Word
Burst Length
32 Word
Burst Length
Continuous
Burst
BCR[3]
Wrap
Decimal
Linear
Linear
Linear
Linear
Linear
0Yes
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7-8-9-10-11-12-13-14-15
0-1-2 ... 29-30-31
0-1-2-3-4-5-6-...
1
1-2-3-0
1-2-3-4-5-6-7-0
1-2-3-4-5-6-7-8-9-10-11-12-13-14-15-0
1-2-3 ... 30-31-0
1-2-3-4-5-6-7-...
2
2-3-0-1
2-3-4-5-6-7-0-1
2-3-4-5-6-7-8-9-10-11-12-13-14-15-0-1
2-3-4 ... 31-0-1
2-3-4-5-6-7-8-...
3
3-0-1-2
3-4-5-6-7-0-1-2
3-4-5-6-7-8-9-10-11-12-13-14-15-0-1-2
3-4-5 ... 0-1-2
3-4-5-6-7-8-9-...
4
4-5-6-7-0-1-2-3
4-5-6-7-8-9-10-11-12-13-14-15-0-1-2-3
4-5-6 ... 1-2-3
4-5-6-7-8-9-10-...
5
5-6-7-0-1-2-3-4
5-6-7-8-9-10-11-12-13-14-15-0-1-2-3-4
5-6-7 ... 2-3-4
5-6-7-8-9-10-11-...
6
6-7-0-1-2-3-4-5
6-7-8-9-10-11-12-13-14-15-0-1-2-3-4-5
6-7-8 ... 3-4-5
6-7-8-9-10-11-12-...
7
7-0-1-2-3-4-5-6
7-8-9-10-11-12-13-14-15-0-1-2-3-4-5-6
7-8-9 ... 4-5-6
7-8-9-10-11-12-13-...
...
...
...
...
14
14-15-0-1-2-3-4-5-6-7-8-9-10-11-12-13
14-15-16-...-11-12-13
14-15-16-17-18-19-20-...
15
15-0-1-2-3-4-5-6-7-8-9-10-11-12-13-14
15-16-17...-12-13-14
15-16-17-18-19-20-21-...
...
...
...
30
30-31-0-...-27-28-29
30-31-32-33-34-...
31
31-0-1-... -28-29-30
31-32-33-34-35-...
1No
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7-8-9-10-11-12-13-14-15
0-1-2-...-29-30-31
0-1-2-3-4-5-6-...
1
1-2-3-4
1-2-3-4-5-6-7-8
1-2-3-4-5-6-7-8-9-10-11-12-13-14-15-16
1-2-3-...-30-31-32
1-2-3-4-5-6-7-...
2
2-3-4-5
2-3-4-5-6-7-8-9
2-3-4-5-6-7-8-9-10-11-12-13-14-15-16-17
2-3-4-...-31-32-33
2-3-4-5-6-7-8-...
3
3-4-5-6
3-4-5-6-7-8-9-10
3-4-5-6-7-8-9-10-11-12-13-14-15-16-17-18
3-4-5-...-32-33-34
3-4-5-6-7-8-9-...
4
4-5-6-7-8-9-10-11
4-5-6-7-8-9-10-11-12-13-14-15-16-17-18-19
4-5-6-...-33-34-35
4-5-6-7-8-9-10-...
5
5-6-7-8-9-10-11-12
5-6-7-8-9-10-11-12-13-14-15-16-17-18-19-20
5-6-7-...-34-35-36
5-6-7-8-9-10-11-...
6
6-7-8-9-10-11-12-13
6-7-8-9-10-11-12-13-14-15-16-17-18-19-20-21
6-7-8-...-35-36-37
6-7-8-9-10-11-12-...
7
7-8-9-10-11-12-13-14
7-8-9-10-11-12-13-14-15-16-17-18-19-20-21-22
7-8-9-...-36-37-38
7-8-9-10-11-12-13-...
...
...
...
...
14
14-15-16-17-18-...-23-24-25-26-27-28-29
14-15-16-...43-44-45
14-15-16-17-18-19-20-...
15
15-16-17-18-19-...-24-25-26-27-28-29-30
15-16-17-...-44-45-46
15-16-17-18-19-20-21-...
...
...
...
30
30-31-32-...-59-60-61
30-31-32-33-34-35-36-...
31
31-32-33-...-60-61-62
31-32-33-34-35-36-37-...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com