Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-85L Datasheet(PDF) 22 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-85L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-85L Datasheet(HTML) 22 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-85L Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
22
Preliminary
Bus Configuration Register
The BCR defines how the CellularRAM device interacts with the system memory bus. Page mode operation is enabled by a bit contained in the RCR. Fig-
ure 16 describes the control bit BCR. At power-up, the BCR is set to 9D1Fh. The BCR is accessed with CRE HIGH and A[19:18] = 10b, or through the
register access software sequence with DQ = 0001h on the third cycle.
Figure 16: Bus Configuration Register Definition
Note: 1. Burst wrap and length apply to both READ and WRITE operations.
A[21:20]
A[19:18]
A[17:16]
A15
A14
A13 A12 A11
A10
A9
A8
A7
A6
A5
A4
A3
A2 A1 A0
21-20
19-18
17-16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Register
Select
Reserved
Operating
Mode
Initial
Latency
Latency
Counter
WAIT
Polarity
Reserved
WAIT
Configuration(WC)
Reserved
Reserved
Drive
Strength
Burst
Wrap(BW)*
Burst
Length(BL)*
BCR[14]
Initial Access Latency
BCR[3]
Burst Wrap (Note 1)
0
Variable (default)
0
Burst wraps within the burst length
1
Fixed
1
Burst no wrap (default)
BCR[5]
BCR[4]
Drive Strength
BCR[13]
BCR[12]
BCR[11]
Latency Counter
00
Full
0
0
0
Code 0 - Reserved
0
1
1/2 (default)
0
0
1
Code 1 - Reserved
1
0
1/4
0
1
0
Code 2
1
1
Reserved
0
1
1
Code 3 (default)
100
Code 4
101
Code 5
BCR[8]
WAIT Configuration
110
Code 6
0
Asserted during delay
1
1
1
Code 7 - Reserved
1
Asserted one data before delay(default)
BCR[10]
WAIT Polarity
0
Active LOW
1
Active HIGH (default)
BCR[15]
Operating Mode
0
Synchronous burst access mode
BCR[2]
BCR[1]
BCR[0]
Burst Length (Note 1)
1
Asynchronous access mode (default)
00
1
4 words
01
0
8 words
BCR[19]
BCR[18]
Register Select
01
1
16 words
0
0
Select RCR
10
0
32 words
1
0
Select BCR
11
1
Continuous burst (default)
0
1
Select DIDR
Others
Reserved
Must be set to “0”
Must be set to “0”
Must be set to “0”
All must be set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com